Part Number Hot Search : 
371MX AD9640 TFS70L9 SF15SC6 80014 MC1733 MPQ4460 D2508
Product Description
Full Text Search
 

To Download CPC2014NTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC2014N
8-Pin SOIC Dual OptoMOS(R) Relay
Parameter Blocking Voltage Load Current Max On-resistance LED Current to operate
Rating 60 400 2 2
Units VP mA mA
Description
The CPC2014N is a miniature device with two independent Form-A solid state relays in an 8-Pin SOIC package that employs optically coupled MOSFET technology to provide 1500Vrms of input/output isolation. The super efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS architecture. The optically coupled outputs are controlled by highly efficient GaAlAs infrared LEDs. The CPC2014N uses Clare's state of the art, double-molded vertical construction packaging to produce one of the world's smallest relays. The CPC2014N offers substantial board space savings over the competitor's larger 8-Pin SOIC relay.
Features
* Designed for use in security systems complying with EN50130-4 * Small 8-Pin SOIC Package * TTL/CMOS Compatible input * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * No EMI/RFI Generation * Immune to radiated EM fields * SMD Pick & Place, Wave Solderable * Tape & Reel Version Available
Approvals
* UL Recognized Component: Pending * EN/IEC 60950-1: Pending * CSA Certified Component: Pending
Applications
* Security * Passive Infrared Detectors (PIR) * Data Signalling * Sensor Circuitry * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Medical Equipment--Patient/Equipment Isolation * Aerospace * Industrial Controls
Ordering Information
Part # CPC2014N CPC2014NTR Description 8-Pin SOIC (50/tube) 8-Pin SOIC (2000/reel)
Pin Configuration
1 + Control 2 - Control 3 + Control 4 - Control 5 Load 6 Load 7 Load 8 Load
Switching Characteristics of Normally Open (Form A) Devices
Control
ILOAD
+ 90% 10%+ tOFF
Pb
RoHS
2002/95/EC
e3
www.clare.com
tON
DS-CPC2014N-R01
1
CPC2014N
Absolute Maximum Ratings (@ 25C)
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Total Power Dissipation 1 Isolation Voltage, Input to Output Operational Temperature Storage Temperature
1
Ratings 60 5 50 1 70 600 1500 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 5.0 mW / C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current Continuous 1 Peak On-Resistance 2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current 3 Input Dropout Current Input Voltage Drop Reverse Input Current
1 2 3
Conditions
Symbol
Min
Typ
Max
Units
IF=2mA t <10ms IL=400mA VL=60VP
IL ILPK RON ILEAK tON tOFF COUT
-
0.1 0.9 -
0.47 0.22 40 1 0.25 0.2 1.2 -
400 1 2 1 2 1 2 1.4 10
mA AP A
IF=5mA, VL=10V 50V; f=1MHz IL=400mA IF=5mA VR=5V
ms pF pF mA mA V A
IF IF VF IR
Load current derates linearly from 400mA @ 25oC to 200mA @80oC, and must be derated for both poles operating simultaneously. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60oC) an LED drive current of 4mA is recommended.
2
www.clare.com
R01
CPC2014N
PERFORMANCE DATA*
Typical LED Forward Voltage Drop (N=50, TA=25C, IF=5mA) Typical On-Resistance Distribution (N=50, TA=25C, IL=400mA, IF=1mA)
35 30 Device Count (N) 0.505 0.510 0.515 0.520 0.525 0.530 0.535 On-Resistance () 25 20 15 10 5 0 1.250 1.255 1.260 1.265 1.270 LED Forward Voltage (V) 1.275 0 0 63.5 64.0 64.5 65.0 65.5 66.0 Blocking Voltage (VP) 66.5
25 20 15 10 5
25 20 15 10 5
Typical Blocking Voltage Distribution (N=50, TA=25C)
Device Count (N)
Device Count (N)
25 Device Count (N) 20 15 10 5 0
Typical IF for Switch Operation (N=50, TA=25C, IL=400mA)
25 20 15 10 5 0
Typical IF for Switch Dropout (N=50, TA=25C, IL=400mA)
25 20 15 10 5 0
Typical Turn-On Time (N=50, TA=25C, IL=100mA, IF=5mA)
Device Count (N)
Device Count (N)
0.16
0.18
0.20 0.22 0.24 LED Current (mA)
0.26
0.28
0.16
0.18
0.20 0.22 0.24 LED Current (mA)
0.26
0.35
0.40
0.45 0.50 0.55 Turn-On (ms)
0.60
0.65
30 25 Device Count (N) 20 15 10 5 0
Typical Turn-Off Time (N=50, TA=25C, IL=100mA, IF=5mA)
Load Current (mA)
500 400
Maximum Load Current vs. Temperature with One Pole Operating (IF=2mA)
0.016 0.014 Leakage (A) 0.012 0.010 0.008 0.006 0.004 0.002
Typical Leakage vs. Temperature Measured Across Pins 5&6 and 7&8 (VL=60V)
300 200 100 0
0.55
0.65
0.75 0.85 Turn-Off (ms)
0.95
1.05
-40
-20
0
20 40 60 Temperature (C)
80
100
0 -40
-20
0
20 40 60 Temperature (C)
80
100
Typical Blocking Voltage vs. Temperature
72 Blocking Voltage (VP) 70 Turn-On (ms) 68 66 64 62 60 58 -40 -20 0 20 40 60 80 100 Temperature (C) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40
Typical Turn-On vs. Temperature (IL=80mA)
IF=5mA
IF=10mA -20 0 20 40 60 80 100
0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 -40
Typical Turn-Off vs. Temperature (IL=80mA)
Turn-Off (ms)
IF=5mA
IF=10mA -20 0 20 40 60 80 100 Temperature (C)
Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R01
www.clare.com
3
CPC2014N
PERFORMANCE DATA*
Typical LED Forward Voltage Drop vs. Temperature
1.6 LED Forward Voltage (V) 1.5 1.4 1.3 1.2 1.1 1.0 -40 IF=10mA IF=5mA IF=2mA -20 0 20 40 60 Temperature (C) 80 100 IF=50mA IF=20mA Turn-On (ms)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
Typical Turn-On vs. LED Forward Current (IL=80mA)
0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0
Typical Turn-Off vs. LED Forward Current (IL=80mA)
0
5
10
15
20
25
30
35
40
45
50
0
5
LED Forward Current (mA)
10 15 20 25 30 35 40 LED Forward Current (mA)
45
50
0.9 0.8 On-Resistance () 0.7
Typical On-Resistance vs. Temperature (IL=200mA)
IF=5mA IF=10mA Steady State LED Current (mA)
0.36 0.32 0.28 0.24 0.20 0.16 -40
Typical IF for Switch Operation vs. Temperature (IL=200mA)
LED Current (mA)
0.36 0.32 0.28 0.24 0.20 0.16
Typical IF for Switch Dropout vs. Temperature (IL=200mA)
0.6 0.5 0.4 0.3 -40 -20 0 20 40 60 80 100 Temperature (C)
-20
0
20 40 60 Temperature (C)
80
100
-40
-20
0
20 40 60 Temperature (C)
80
100
500 400 300 200 100 0 -100 -200 -300 -400 -500 -0.3
Typical Load Current vs. Load Voltage with One Pole Operating (IF=2mA)
Load Current (mA)
-0.2
-0.1
0.0
0.1
0.2
0.3
Load Voltage (V)
1100 1000 900 800 700 600 500 400 300 200 100 0 10s 100s 1ms 10ms 100ms Time
Energy Rating Curve (IF=2mA)
Load Current (mA)
1s
10s
100s
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R01
CPC2014N
MANUFACTURING INFORMATION
Moisture Sensitivity Clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with IPC/JEDEC standard J-STD-033 moisture sensitivity level (MSL), level 3 classification. Soldering Reflow Profile For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
1.016 0.025 (0.040 0.001)
MECHANICAL DIMENSIONS
8-Lead SOIC Narrow Package
9.347 0.203 (0.368 0.008) 0.203 0.025 (0.008 0.001)
Recommended PCB Land Pattern
1.30 (0.051) Pin 1 2.540 TYP (0.100 TYP) 2.184 MAX (0.086 MAX) 6.096 0.102 (0.240 0.004) 3.810 0.051 (0.150 0.002) 0.55 (0.022)
5.60 (0.22)
0.432 0.127 (0.017 0.005)
2.54 (0.100)
Lead to Package Standoff MIN 0.0254 (0.001) (MAX 0.102 (0.004) 0.381 0.051 (0.015 0.002) Dimensions mm (inches)
0.838 0.102 (0.033 0.004)
330.2 DIA. (13.00 DIA.)
2.0 (0.079)
12.0 (0.472)
4.0 (0.157)
1.50 (0.059)
Top Cover Tape Thickness 0.102 MAX. (0.004 MAX.)
7.5 (0.295) 16.0 (0.63) K0=2.7 (0.106) 6.8 (0.268)
Embossed Carrier
K1=2.3 (0.091)
B0=10.3 (0.406) A0=6.5 (0.256)
R0.5 (0.020)
3.0 (0.118)
2.0 (0.079)
Embossment
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC2014N-R01 (c)Copyright 2009, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 9/10/09
5


▲Up To Search▲   

 
Price & Availability of CPC2014NTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X