Part Number Hot Search : 
2J222J 5KE22 BZV47C18 DL4001 2STA1695 BC558 OM5222SW AN001PG
Product Description
Full Text Search
 

To Download ATS-52300P-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
ATS PART # ATS-52300P-C2-R0
Features & Benefits
maxiFLOWTM design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling Fabricated from extruded aluminum, which minimizes thermal resistance from the base to the fins, reduces weight and keeps costs low Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
B A C D
thermal Performance
AIR VELOCITy
*Image above is for illustration purposes only.
THERMAL RESISTANCE
FT/MIN
200 300 400 500 600 700 800
M/S
1.0 1.5 2.0 2.5 3.0 3.5 4.0
C/W (UNDUCTED FLOW)
3.4 2.8 2.4 2.2 2 1.9 1.7
C/W (DUCTED FLOW)
2.7
Product Details
DIMENSION A 30 mm
Notes:
1) 2) 3) 4)
DIMENSION B 30 mm
DIMENSION C 17.5 mm
DIMENSION D 53.3 mm
INTERFACE MATERIAL SAINT-gOBAIN C675
FINISH BLUE-ANODIZED
Dimension C = heat sink height from bottom of the base to the top of the fin field. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV1_0908


▲Up To Search▲   

 
Price & Availability of ATS-52300P-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X