Part Number Hot Search : 
SMDJ10 32U02 SEMICO YG802C06 NTE1439 MRF2001M NTE1439 8C0G1H4
Product Description
Full Text Search
 

To Download 59160-1-S-00-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
File E61760(N) 57050 Actuator
59160 Surface Mount Features and Benefits
Features
* 2 part magnetically operated proximity sensor * Surface mount technology on to printed circuit board * J Foot & Gull Wing options * Tape and reel option (consult Hamlin) * Moulded stand-off to allow board washing * Customer defined sensitivity * Sensor solder reflow capable
Benefits
* Suitable for pick and place * No standby power requirement * Operates through non-ferrous materials such as wood, plastic or aluminium * Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination
Applications
* Position and limit sensing * Security system switch * Door switch
59160 Sensor
DIMENSIONS (in) mm
GULL-WING J-FOOT
Double click on tag for Recommended Land Pattern
CUSTOMER OPTIONS - Switching Specifications
TABLE 1 Contact Type Switch Type Power Voltage Current Resistance Capacitance Temperature Time Shock Vibration Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage Operate Release 11ms 12 sine 50-2000 Hz Watt - max. Vdc - max. Vdc - min. A - max. A - max. - max. - min. pF - typ. C C ms - max. ms - max. G - max. G - max. Form A Normally Open 1 10 200 250 0.5 1.2 0.2 10
10
Change Over 3 5 175 200 0.25 1.5 0.2 109 0.3 -40 to +105 -65 to +105 3.0 3.0 50 30
0.3 -40 to +105 -65 to +105 1.0 1.0 100 30
CUSTOMER OPTIONS - Sensitivity and Termination Specification
TABLE 2 Sensitivity Options:Activate Distances are approximate using Hamlin 57050 actuator as illustrated Switch AT before modification Select Option S T U Activate Activate Activate Switch Pull In Distance Pull In Distance Pull In Distance Type AT AT AT Range (in)dmm Range (in)dmm Range (in)dmm (.157) (.098) (.079) 1 Normally Open 10-15 15-20 20-25 4,0 2,5 2,0 (.118) (.079) (.059) 3 Change Over 15-20 20-25 25-30 3,0 2,0 1,5 TABLE 3 Termination Options:SELECT OPTION DESCRIPTION
A B
D
J Foot bulk packed J Foot tape and reel Gull Wing bulk packed Gull Wing tape and reel
C D
ORDERING INFORMATION
N.B. 57050 actuator sold separately
59160 59036 Table 1 Table 2 Table 3
X
X
00
X
Series 59160 Switch Type Sensitivity Termination
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France
ISSUE No: 4 DATE: 1/5/3
Tel: Tel: Tel: Tel:
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 37
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.


▲Up To Search▲   

 
Price & Availability of 59160-1-S-00-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X