Part Number Hot Search : 
TA0694A 4034B SFH48 00111 K1010 SMP4867 SXXXF 1N4751A
Product Description
Full Text Search
 

To Download 59085-1-T-S-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
File E61760(N) 59085 Sensor
59085 Vane Sensor Features and Benefits
Features
* Sensor and magnet contained in single housing * Sensor operates when ferrous vane passes through slot * Normally open, normally closed or change over options * Choice of cable length and connector
Benefits
* Quick and reliable single screw mounting with location feature * No standby power requirement * Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination
Applications
* * * * * Position and limit sensing Security system switch Linear actuators Industrial process control Shaft rotation sensing
DIMENSIONS (in) mm
CUSTOMER OPTIONS - Switching Specifications
TABLE 1 Contact Type Switch Type Power Voltage Current Resistance Capacitance Temperature Time Shock Vibration Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage Operate Release 11ms 12 sine 50-2000 Hz Watt - max. Vdc - max. Vdc - min. A - max. A - max. - max. - min. pF - typ. C C ms - max. ms - max. G - max. G - max. Form A Normally Open 1 5 175 200 0.25 1.5 0.2 109 0.3 -40 to +105 -65 to +105 3.0 3.0 50 30 Change Over 3 5 175 200 0.25 1.5 0.2 109 0.3 -40 to +105 -65 to +105 3.0 3.0 50 30 Normally Closed 4 10 200 250 0.5 1.2 0.2 1010 0.3 -40 to +105 -65 to +105 1.0 1.0 100 30 Normally Closed H.V. 5 10 300 450 0.5 1.5 0.2 1010 0.2 -20 to +105 -65 to +105 1.0 1.0 100 30
CUSTOMER OPTIONS - Cable Length and Termination Specification
TABLE 2 Cable Type:24 AWG 7/32 PVC 105oC UL1430/UL1569
TABLE 3 Termination Options:SELECT OPTION DESCRIPTION (2 WIRE VERSIONS ILLUSTRATED)
ACTIVATION
Standard Lengths
SELECT OPTION CABLE LENGTH
A or F Tinned or untinned leads B C D E Crimped terminals 6.35mm fastons AMP MTE 2.54mm pitch JST XHP 2.5mm pitch
.285 (7.3) MAX
(in) 01 02 03 04 05
mm
(3,94) 100 (11,81) 300 (19,69) 500 (29,53) 750 (39,37) 1000
Mu METAL 1.0 SQ x .062
MUST OPERATE MUST RELEASE
VANE MOVEMENT
ORDERING INFORMATION
59085 59036 Series 59085 Switch Type Sensitivity Cable Length Termination
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France
ISSUE No: 4 DATE: 1/5/3
X
T
XX
X
Table 1 Table 2 Table 3
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.
Tel: Tel: Tel: Tel:
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 30


▲Up To Search▲   

 
Price & Availability of 59085-1-T-S-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X