Part Number Hot Search : 
2SB822R LTC1658 3BGXC LC66566A 1N4420 TN7279 2664AJ 2102C
Product Description
Full Text Search
 

To Download 30H2A2H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30H2A2HD
Ni-Mn BUTTON CELLS
%%c12.0S+0.1^ -0.1; 11.2S+0.3^ -0.3;
1.5
3.0 1.0
Model
Voltage
Capacity
Nominal Normal Nominal Recommended Trickle Charge Current Charge Current Charging Time Discharge Current Weight
0.2
30H2A2H
2.4V
30mAh
1~1.5mA
3mA
14~16h
6mA
3.7g
TYPICAL CHARGE CURVE (4mA) 3.2 2.8
TYPICAL DISCHARGE CURVE (8mA) 120
CYCLE LIFE CURVE
3.0
2.6
% NOMINAL CAPACITY
100 80 60 40 20 0 0 100 200 300 400 500 600
VOLTAGE(V)
2.8
VOLTAGE(V)
2.4
2.6
2.2
2.4 0 2 4 6 8 10 12
14
2.0 0 1 2 3 4 5
Time:
H
Time:
H
Number of cycles
TYPICAL CHARGE CURVE AT VARIOUS CURRENTS 3.2
DISCHARGE CURVE AT VARIOUS TEMPERATURES(8mA) 2.8
SELF DISCHARGE RATE AT VARIOUS TEMPERATURES 100
3.0
8mA 4mA VOLTAGE(V) 1.2m A
RETAINED CAPACITY(%)
-20
2.6
80 60
20
VOLTAGE(V)
2.8
2.4
45 0 20
40
40
2.6
2.2
-20
20
60
2.4 0 20 40 60 80 100 120 140
2.0 0 1 2 3 4 5 6 0 2 4 6 8 10 12
Capacity input(%)
Time:
H
Time:
Months
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of 30H2A2H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X