Part Number Hot Search : 
A1000 2M100 PI2127 REF02AH D4235G ABI1103 D3L60 30AR1
Product Description
Full Text Search
 

To Download 2SD1670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1670
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 100V(Min) *High DC Current Gain: hFE= 1000( Min.) @ IC= 10A *Low Collector Saturation Voltage: VCE(sat)= 1.5V(Max)@ IC= 10A
APPLICATIONS *For low speed high current switching industrial use.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @Ta=25
w w
scs .i w
VALUE 150 100 8 10 20 1 3.5
UNIT V
.cn mi e
V
V A A A
PC Collector Power Dissipation @TC=25 TJ Tstg Junction Temperature Storage Temperature 65 150 -55~150
W

isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1670
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A; IB= 25mA
1.5
V
VBE(sat) ICBO
Base-Emitter Saturation Voltage
IC= 10A; IB= 25mA
2.0
V A
Collector Cutoff Current
VCB= 100V ; IE= 0
10
IEBO hFE
Emitter Cutoff Current
VEB= 5V; IC= 0 IC= 10A; VCE= 2V 1000
3.0
mA
DC Current Gain
30000
Switching Times ton tstg tf Turn-on Time
Storage Time
Fall Time
hFE-1 Classifications M 1000-3000 L
w
ww
K 4000-10000
scs .i
J 8000-30000
VCC 50V, RL= 5, IC= 10A; IB1= -IB2= 25mA,
.cn mi e
1.0
s s s
5.0
2.0
2000-5000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X