Part Number Hot Search : 
4AC14 1N4763 FN4465 MAX3232E 1A000 100MR SQM10 SM8224
Product Description
Full Text Search
 

To Download 2SD1435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1435
DESCRIPTION *With TO-3PN package *DARLINGTON *High DC current gain *Complement to type 2SB1031 APPLICATIONS *For low frequency power amplifier and high current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 100 100 7 15 20 3 100 150 -55~150 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SD1435
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=1mA, RBE=
100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50mA, IC=0
7
V
VCEsat-1
Collector-emitter saturation voltage
IC=8A ,IB=16mA
2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A ,IB=150mA
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=8A ,IB=16mA
2.5
V
VBEsat-2
Base-emitter saturation voltage
IC=15A ,IB=150mA
3.5
V A
ICBO
Collector cut-off current
VCB=100V, IE=0
100
ICEO
Collector cut-off current
VCE=80V, RBE=
1.0
A
hFE
DC current gain
IC=8A ; VCE=3V
1000
20000
Switching times s
ton
Turn-on time IC = 8 A,IB1 =-IB2 =16mA
2.0
toff
Turn-off time
8.0
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1435
Fig.2 Outline dimensions(unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X