Part Number Hot Search : 
FB1005L 1CGKW BA5415 ZL30107 ATS040 SF5008 E0052 FMC1K7B3
Product Description
Full Text Search
 

To Download 2SD1433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1433
DESCRIPTION *With TO-3PH package *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Designed for use in TV and CRT horizontal output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PH) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 600 5 7 80 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition freuqency Output capacitance Fall time CONDITIONS IC=6A; IB=1.2A IC=6A; IB=1.2A VCB=500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1.0MHz IC=6A;IB1=1.2A 8 MIN
2SD1433
SYMBOL VCEsat VBEsat ICBO IEBO hFE fT COB tf
TYP.
MAX 5.0 1.5 10 1
UNIT V V A mA
3 165 1.0
MHz pF s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1433
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X