Part Number Hot Search : 
M3218 TMP89F ES51W4 C1045C AN729 MB89538 AK4523 KRA551U
Product Description
Full Text Search
 

To Download 2SD1431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1431
DESCRIPTION *With TO-3PH package *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Designed for use in color TV and CRT display horizontal output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Fig.1 simplified outline (TO-3PH) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 600 5 5 80 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SD1431
SYMBOL
TYP.
MAX
UNIT
VCEsat VBEsat ICBO IEBO hFE fT COB tf
Collector-emitter saturation voltage
IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1.0MHz IC=4A;IB1=0.8A 8
5.0
V
Base-emitter saturation voltage
1.5
V
Collector cut-off current
10
A
Emitter cut-off current
1
mA
DC current gain
Transition freuqency
3
MHz
Output capacitance
165
pF
Fall time
1.0
s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1431
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X