Part Number Hot Search : 
1060CT 120N1 UZ5750 SF1220G 1000A BAT54H M050B C2065
Product Description
Full Text Search
 

To Download 2SC2929 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC2929
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed *High Reliability APPLICATIONS *Switching regulators *Ultrasonic generators *High frequency inverters *General purpose power amplifiers ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VCEO(SUS) VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base voltage
VALUE 450
UNIT V
Collector Current-Continuous Base Current-Continuous
w w
scs .i w
400 400 7 V V V 3 A 1 40 150 -45~150 A W
.cn mi e
PC TJ Tstg
Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 3.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC2929
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA ; IB= 0
400
V
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.5A; IB= 0
400
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1mA; IC= 0 IC= 1A; IB= 0.2A
B
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
0.3
V
VBE(sat) ICBO
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
B
Collector Cutoff Current
IEBO
Emitter Cutoff Current
hFE
DC Current Gain
Switching times
ton tstg tf
Turn-on Time
w
ww
scs .i
VEB= 7V; IC=0
VCB= 450V; IE=0
IC= 0.5A; VCE= 5V
.cn mi e
20
0.9
V
0.1
mA
0.1
mA
50
1.5 IC= 3A, IB1= -IB2= 0.6A RL= 20;PW=20s Duty Cycle2%
s s s
Storage Time
2.0
Fall Time
0.8
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC2929

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X