Part Number Hot Search : 
A4UOABAU BTLV3 17435E BR808 BD101 1N825 SFH6156 3S250E
Product Description
Full Text Search
 

To Download 2SC2927 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2927
DESCRIPTION *With TO-220 package *High collector-emitter voltage : VCEO=300V *High frequency:fT=40MHz(Min) APPLICATIONS *For use in line-operated color TV chroma output circuits and sound output circuits.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 300 300 7 0.2 10 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10A ;IE=0 IC=1mA ;IB=0 IE=10A ;IC=0 IC=50mA ;IB=5mA VCB=200V;IE=0 VEB=5V; IC=0 IC=10mA ; VCE=10V IC=10mA ; VCE=30V 40 40 MIN 300 300 7
2SC2927
TYP.
MAX
UNIT V V V
2.0 0.1 0.1 200 80
V A A
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2927
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2927

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X