Part Number Hot Search : 
VQ1001P 8950AC LC753 021006 LC4115 SI6466DQ AM7910PC R2E102KB
Product Description
Full Text Search
 

To Download 2SA636 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA636 2SA636A
DESCRIPTION *With TO-202 package *Complement to type 2SC1098/1098A *High breakdown voltage *High transition frequency APPLICATIONS *For audio frequency power amplifier and low speed switching applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-202) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO PARAMETER Collector-base voltage 2SA636 VCEO Collector-emitter voltage 2SA636A VEBO IC ICM IB Emitter-base voltage Collector current Collector current-peak Base current TC=25 PT Total power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 1.2 150 -55~150 Open collector Open base -60 -5 -3 -5 -0.6 10 W V A A A CONDITIONS Open emitter VALUE -70 -45 V UNIT V
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-1.5A ;IB=-0.15A IC=-1.5A ;IB=-0.15A VCB=-45V; IE=0 VEB=-3V; IC=0 IC=-20mA ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0; VCB=-10V;f=1MHz IC=-0.1A ; VCB=-5V
2SA636 2SA636A
SYMBOL VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 COB fT
MIN
TYP. -0.5 -0.8
MAX -2.0 -2.0 -1 -1
UNIT V V A A
20 40 60 45 250 pF MHz
hFE-2 classifications N 40-60 M 50-100 L 80-160 K 120-250
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA636 2SA636A
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA636

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X