Part Number Hot Search : 
250MHZ 2SA812M7 GS711 HV5622 107M0 56M01 ERNET 250MHZ
Product Description
Full Text Search
 

To Download 2SA636 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA636 2SA636A
DESCRIPTION *With TO-202 package *Complement to type 2SC1098/1098A *High breakdown voltage *High transition frequency APPLICATIONS *For audio frequency power amplifier and low speed switching applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-202) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO PARAMETER Collector-base voltage 2SA636 VCEO Collector-emitter voltage 2SA636A VEBO IC ICM IB
B
CONDITIONS Open emitter
VALUE -70 -45
UNIT V
Open base -60 Open collector -5 -3 -5 -0.6 TC=25 10
V
Emitter-base voltage Collector current Collector current-peak Base current
V A A A
PT
Total power dissipation Ta=25 1.2 150 -55~150
W
Tj Tstg
Junction temperature Storage temperature

Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS
2SA636 2SA636A
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-1.5A ;IB=-0.15A
-0.5
-2.0
V
VBEsat ICBO
Base-emitter saturation voltage
IC=-1.5A ;IB=-0.15A VCB=-45V; IE=0
-0.8
-2.0
V A A
Collector cut-off current
-1
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1
hFE-1
DC current gain
IC=-20mA ; VCE=-5V
20
hFE-2
DC current gain
IC=-0.5A ; VCE=-5V
40
250
COB
Output capacitance
IE=0; VCB=-10V;f=1MHz
60
pF
fT
Transition frequency
IC=-0.1A ; VCB=-5V
45
MHz
hFE-2 classifications N 40-60 M 50-100 L 80-160 K 120-250
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA636 2SA636A
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA636

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X