|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR Electronics, Inc. KR Electronics General Description KR 2817-SMA is a 7 dB negative slope equalizer. The equalizer has a frequency band from 50 MHz to 550 MHz. Other frequencies and slopes are available. Please consult the factory. www.krfilters.com Features * 7 dB Negative Slope Equalizer * 50 MHz to 550 MHz * 50 Source and Load * SMA Connectors Typical Performance Response (1 dB/div) 1 Apr 2008 14:40:11 CH1 S 21 log MAG 1 dB/ REF 0 dB PRm Cor START 50.000 000 MHz STOP 550.000 000 MHz KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2008, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR 2817-SMA Equalizer Specifications Parameter Filter type Frequency Range Negative Slope Source and Load Specification Equalizer 50 MHz to 550 MHz 7 dB 1 dB 50 www.krfilters.com Physical Dimensions Dimensions in inches Metal Case Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2008, KR Electronics, Inc. |
Price & Availability of 2817-SMA |