Part Number Hot Search : 
MMC4077 370508 NR8300 RN2422 L2030 ATMEGA16 BF593 150CT
Product Description
Full Text Search
 

To Download 1N5400G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G THRU 1N5408G
3.0 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.2 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 1N Symbol 1N Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 75 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @3.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125
1N 1N 1N 1N 1N 5400G 5401G 5402G 5404G 5406G 5407G 5408G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 3.0 125
600 420 600
800 1000 560 700 800 1000
1.1
1.0
V uA uA pF
O
5.0 100 Typical Junction Capacitance ( Note 1) Cj 25 Typical Thermal Resistance (Note 2) 45 RJA Operating and Storage Temperature Range TJ,TSTG - 65 to + 150 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
C/W
- 540 -
RATINGS AND CHARACTERISTIC CURVES (1N5400G THRU 1N5408G)
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
4
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
250
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
3
200 150 100
2
1
50
0
0
25
50
75
100
o
125
150
175
0
1
5
10
50
100
AMBIENT TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD VOLTAGE
30 1000
FIG.4- TYPICAL JUNCTION CAPACITANCE
10
INSTANTANEOUS FORWARD CURRENT. (A)
1N5401G-1N5408G 1 1N5400G
JUNCTION CAPACITANCE.(pF)
100
0.1
0.01
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
10 1
FORWARD VOLTAGE. (V)
5 10 REVERSE VOLTAGE. (V)
50
100
- 541 -


▲Up To Search▲   

 
Price & Availability of 1N5400G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X