Part Number Hot Search : 
HIP4086 EPZ3005G MBSC3 VR250 ALF1T12 STTH1R02 APTGT20 24LC02D
Product Description
Full Text Search
 

To Download 1N4003GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp MEGARECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
1N4001GP . . . 7GP Series
Description
.031 typ.
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n CAPABILITY OF MEETING ENVIRONMENTAL STANDARDS OF MIL-S-19500
Electrical Characteristics @ 25 oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Current 3/8" Lead Length @ TA = 75C Non-Repetitive Peak Forward Surge Current...IFSM 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 75C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 125C
1N4001GP . . . 7GP Series 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 GP GP GP GP GP GP GP 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts Amps
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... ............................................. 1.1 ............................................... ............................................. 3 0 ...............................................
............................................. 5 ............................................... ............................................. 5 0 ............................................... ............................................. 8.0 ............................................... ............................................. 4 5 ............................................... ......................................... 2.0 ..........................................
Amps Amps pF C / W S C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
......................................... -65 to 175 ..........................................
Page 6-4
Data Sheet
1.0 Amp MEGARECTIFIERS
Forward Current Derating Curve
60 Hz RESISTIVE OR INDUCTIVE LOAD
0.375 (9.5mm) LEAD LENGTH
TA = Ambient Temperature (C) Non-Repetitive Peak Forward Surge Current
TJ = TJ max. 8.3 mS Single Half Sine Wave (Jedec Method)
Typical Junction Capacitance
TJ = 25C f = 1.0 MHZ VSIG = 50mVp-p
Amps
pF
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
Reverse Voltage (Volts)
Typical Reverse Characteristics
TJ = 100C
Amps
Amps
TJ = 25C Pulse Width = 300S 1% Duty Cycle
TJ = 25C
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
Page 6-5
1N4001GP . . . 07GP Series
Amps


▲Up To Search▲   

 
Price & Availability of 1N4003GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X