Part Number Hot Search : 
C1510 MIHW2000 LA1845 NDY2405 STK6714A ZRA245A 05DRL SAA5291A
Product Description
Full Text Search
 

To Download 1300980200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1300980200 Active
brad_wire_mesh_grips MAX-LOC(R) Multi-Hole Strain Relief, 1/2" NPT, Straight Female with O-Ring, Cable Diameter 7.37mm (.290")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR32159 E76954 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Cable Grips 130098 Indicates that one or more grommet hole is covered by a thin membrane which can easily be "Poked" open if required. N/A No Yes brad_wire_mesh_grips MAX-LOC(R) Strain Relief Grips Yes
Eye Type Insulated O-Ring Overview Product Name Type Woodhead
Physical
Approximate Break Strength Bale Length Body Style Cable Diameter Color - Grommet Gender Material - Body Material - Grip Mesh Length Number of Holes Strain Relief Force Thread Size N/A N/A Straight 7.37mm (.290") Yellow Female Nylon N/A N/A 2 35 lbs 1/2" NPT
Search Parts in this Series 130098Series
Material Info
Old Part Number 5594-006W
Reference - Drawing Numbers
Sales Drawing SD-130098-196
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1300980200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X