Part Number Hot Search : 
VAL1Z LC7573N 2SK13 SSL21084 CF50603 MHW1915 MC68HC05 DB0603N
Product Description
Full Text Search
 

To Download 0908140208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0908140208 Active
picoflex 1.27mm (.050") Pitch Picoflex(R) PF-50 Header, Vertical, Low Profile, Surface Mount, 8 Circuits, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Application Tooling Part Link Comments Overview Product Name PCB Headers 90814 Wire-to-Board 690081070 Low Profile SMT picoflex Picoflex(R)
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 8 Black, Natural 30 No 94V-0 Yes No None Yes Brass Tin High Temperature Thermoplastic 1 Vertical Yes Yes 0.062 In 1.60 mm Tube 0.050 In 1.27 mm 120 3 120 3 Yes Yes No No N/A -40C to +105C Surface Mount
Search Parts in this Series 90814Series Mates With 90327 IDT Connector Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0690081070 (Plastic) for 90327 Connector, 4-26 Circuit
Electrical
Current - Maximum per Contact Voltage - Maximum 1.2A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 3 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SDA-90814-9001 PS-99020-0011 SDA-90814
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0908140208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X