Part Number Hot Search : 
48S15 SK113 MAX1812 18330351 MBT44 ADVANCED DL4728A C1345
Product Description
Full Text Search
 

To Download 0907092601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0907092601 Active
cgrid__sl_products 2.54mm (.100") Pitch, C-Grid(R) Header, Dual Row, Low Profile, Right Angle, Shrouded, 26 Circuits, 0.38m (15" ) Gold (Au) Selective Plating
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 90709 Wire-to-Board cgrid__sl_products C-Grid(R)
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 26 26 Black 50 No No No None Yes Brass Gold Tin-Lead Polyester 2 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 15.2 0.38 75.2 1.88 Center Slot No Fully No -55C to +120C Through Hole
Search Parts in this Series 90709Series Mates With 70058 SLTM Female Crimp Terminal
Electrical
Current - Maximum per Contact 2.5A
Voltage - Maximum
250V
Material Info Reference - Drawing Numbers
Sales Drawing SDA-90709
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0907092601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X