Part Number Hot Search : 
579545 03953 2SB885 IL4116 FR207 11EWA MC4460 R6101020
Product Description
Full Text Search
 

To Download 0878746001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878746001 Active
extreme_lphpower 5.08mm (.200"), 2.54mm (.100") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins, 33 Circuits, Power Alpha 9, Signal 24, Recessed Signal Pin C5, Lead-free
Documents: Drawing (PDF) Product Specification PS-87805-006 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Overview Product Name PCB Headers 87874 Board-to-Board
  • Recessed Signal Pin Location at: C5
  • No Void Pins extreme_lphpower EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
    Physical
    Breakaway Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 34 Power Alpha 10|Signal 24 Black 100 Yes No Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm No Yes 0.062 In 1.57 mm Tray 0.100 In, 0.200 In 2.54 mm, 5.08 mm 30 0.76 100 2.54 Yes Yes Fully No -20C to +105C Through Hole
    Search Parts in this Series 87874Series Mates With KK(R) PCB Receptacles like 4455. SLTM IDT Housings like 70430. KK(R) IDT Housings like 7720 and 70400a. C-Grid(R) PCB Receptacles like 90147 and 90148
    Electrical
    Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 250V (RMS)
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
    Material Info Reference - Drawing Numbers
    Application Specification Product Specification Sales Drawing AS-87631-018 PS-87805-006 SD-87874-018
    This document was generated on 05/25/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0878746001

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X