Part Number Hot Search : 
330M35 CP210 S3022ID 2SC4207 GA128 330M10 E000732 MC33170
Product Description
Full Text Search
 

To Download 0850130036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850130036 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6m (24") Selective Gold (Au), 96 Circuits, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-85013-0001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 85013 Backplane PCB Header din_41612 IEC 603-2/DIN 41612 R
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Surface Mount Compatible (SMC) Temperature Range - Operating 96 96 Rows A, B, & C 400 No 94V-0 No Yes 32 Open Pin Field 3 Vertical 0.177 In 4.50 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.6 No -55C to +125C
Search Parts in this Series 85013Series Mates With 85042 DIN 41612 Receptacle . 85052 DIN 41612 Header
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 1000V (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-85013-0001 SD-85013-0036, SDA-85013-0001, SDA-85013-0036
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850130036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X