Part Number Hot Search : 
CYG20XX 1205D BUK9107 FSA223 0N60B2 SSM3J 2SC2629 040010
Product Description
Full Text Search
 

To Download 0850099004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850099004 Active
din_41612 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof, Lead free
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 85009 Backplane No Mounting Clips. No Flux Proof PCB Header din_41612 IEC 603-2/DIN 41612 M
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail 24 24 Standard Contacts at: A:a14-a19; B:b13b20; C:c13-c20. Coaxial Contacts at: O:b2,b5,b8,b11,b22,b25,b28,b31. Last-Mate-FirstBreak Contacts at: Z:a13,a20 400 No No Yes Brass Gold Gold, Tin 8 Open Pin Field 3 Right Angle 0.118 In 3.00 mm No Yes Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 32 0.80 98 2.5 Yes No No -55C to +125C Through Hole
Search Parts in this Series 85009Series
Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-85009-001 SDA-85009-0001, SDA-85009-9004
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850099004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X