Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download 0781271248 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0781271248 Active
ffc_fpc_smt 0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 24 Circuits, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-78119-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Overview Product Name FFC/FPC Connectors 78127 ffc_fpc_smt N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 24 24 Natural N/A 20 Vertical 94V-0 0.161 In 4.10 mm Copper Alloy Gold, Nickel 1 Vertical No None Embossed Tape on Reel 0.020 In 0.50 mm 0.020 In 0.50 mm No No -40C to +85C Surface Mount FFC/FPC
Search Parts in this Series 78127Series Mates With Standard FFC/FPC Cables
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V AC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-78119-001 SD-78127-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0781271248

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X