Part Number Hot Search : 
JS28F128 DRS4805 MM3Z5534 R040105 MSF18N50 10BCCR20 L6278 74CBT
Product Description
Full Text Search
 

To Download 0759001241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0759001241 Active
mx150_unshrouded_breakaway_header 3.50mm (.138") Pitch, MX150TM Dual Row Header, Breakaway, Right Angle, 8 Circuits, 1.25m (50") Nickel (Ni) Overall, 2.50m (100") Minimum Select Matte Tin (Sn) Plating on Tail, 0.05m Minimum Select Gold (Au) Contact Area, 3.05mm (.120") PC Tail Length
Documents: Application Specification (PDF) 3D Model Packaging Specification (PDF)
Drawing (PDF) Product Specification PS-75757-000 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 75900 Wire-to-Board mx150_unshrouded_breakaway_header MX150TM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Yes 8 8 8 Black 25 No No No None None Brass Gold Tin High Temperature Thermoplastic 2 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.57 mm Tube 0.138 In 3.50 mm 0.138 In 3.50 mm 100 2.50 50 1.25 No No No
Search Parts in this Series 75900Series Use With MX150 TM Receptacles Dual Row Housings 33472
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes -40C to +125C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 16A 500V DC
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-75900-204 PS-75757-000 SD-75900-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0759001241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X