|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0502407026 Active Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 1/2" (M12), Oxygen-Free Copper, Length 26.90mm (1.059") Documents: Drawing (PDF) Product Specification PS-50240-003 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR95446 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 50240 Yes N/A R (Ring) Ring Physical Barrel Type Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Termination Interface: Style Wire Size AWG Wire Size mm Closed - Brazed None Tin Bag 40 1 40 1 1/2" (M12) Crimp or Compression 14, 16 1.04 - 2.63 Search Parts in this Series 50240Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # Hand Crimper For 0572575000 JIS Terminal Hand Crimper For 0573435002 JIS Terminal Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-50240-003 SD-50240-002 This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0502407026 |