Part Number Hot Search : 
6EDK3 LVA477A PZU24DDG FZT788B R471G R471G LM5164 MPB031
Product Description
Full Text Search
 

To Download 0351551001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0351551001 Active
2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Black, 10 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-35155-001 (PDF)
Product Specification PS-35155-002 (PDF) Product Specification PS-68143-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72081037 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Product Name Crimp Housings 35155 N/A
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Temperature Range - Operating No 10 Natural 94V-0 Female No None Yes Polyester 1 Bag No 0.098 In 2.50 mm Yes -40C to +105C
Search Parts in this Series 35155Series Mates With 35312 Vertical Shrouded Header, 35184 Wire-to-Wire Plug Housing Use With 5103 SPOXTM Crimp Terminal
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-35155-001, PS-35155-002, PS-68143-001 SD-35155-**0*
This document was generated on 04/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0351551001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X