Part Number Hot Search : 
CLAMP N306AD OM6407SD 9420C 9420C 51163 SBT6045 6039094
Product Description
Full Text Search
 

To Download 0039000297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000297 Active
standard_093 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) over Copper Plated Brass Contact, 14-20 AWG, Bag Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: Drawing (PDF) Product Specification PS-1190-005 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 1190 Yes standard_093 Standard .093"
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Brass Tin Tin Bag 35 0.88 35 0.88 Crimp or Compression 1.60-4.10mm (.063-.161") 14, 16, 18, 20 N/A
Search Parts in this Series 1190Series Use With 3191p Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638191100 Extraction Tool 0011030006 Japan Description Product # Hand Crimp Tool 0011260006 JHTR1031C Applicator for M211A 0011260069 Bench Press, 14-28 AWG, for 8980-6C, 8980-6C1, 1189, 1190, 1380, 1381,
Material Info
Old Part Number 1190TL
Reference - Drawing Numbers
Product Specification Sales Drawing PS-1190-005, RPS-1190-001 SD-1190-001
1433 and 1434 Crimp Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X