|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0039000296 Active standard_093 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) over Copper Plated Brass Contact, 14-20 AWG, Reel Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Documents: Drawing (PDF) Product Specification PS-1190-005 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 1190 Yes standard_093 Standard .093" Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Brass Tin Tin Reel 35 0.88 35 0.88 Crimp or Compression 1.60-4.10mm (.063-.161") 14, 16, 18, 20 N/A Search Parts in this Series 1190Series Use With 3191p Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638927100 Applicator Mini-MacTM 0638927300 Applicator Extraction Tool 0011030006 Terminator Die 0011402001 Japan Description Product # Applicator for M211A 0011260069 Bench Press, 14-28 AWG, for 8980-6C, 8980-6C1, 1189, Material Info Old Part Number 1190T Reference - Drawing Numbers Product Specification Sales Drawing PS-1190-005, RPS-1190-001 SD-1190-001 1190, 1380, 1381, 1433 and 1434 Crimp Terminal This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0039000296 |