Part Number Hot Search : 
PSD813 C1232 LA73050 B2403 PIC16F62 SFH614 MT3508G LA73033M
Product Description
Full Text Search
 

To Download 0039000286 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000286 Active
kk 3.96mm (.156") Pitch KK(R) Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9m (35") Pre-Plated Gold (Au)
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 2478 Yes kk KK(R) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 25 Female Brass Gold Gold Reel 35 0.90 35 0.88 Crimp or Compression 1.30-2.50mm (.051-.098") 18, 24 0.21 TO 0.82
Material Info
Old Part Number 2478T
Search Parts in this Series 2478Series Use With 2574 , 2139 , 41695 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639007200 Applicator for KK(R) and TrifurconTM Crimp Terminal FineAdjust for 0639007300 Mini-Fit Jr.TM Crimp Terminals
Special cut-off tab width for 2478 Series
Reference - Drawing Numbers
Sales Drawing SD-2478*
terminals using the 7241 Series IDT housing only. 2478 Series terminals are not rated for USCAR21compliancy. Extraction Tool 0011030016 Japan Description Product # Hand Extraction Tool 0011260059 Applicator for M211A 0011260092 Bench Press, 18-28 AWG, for 2479/2579/5167/5168/8993 Crimp Terminal Hand Extraction Tool 0570926000
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000286

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X