|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VF SERIES POWER RELAY 1 POLE--20, 25, 30 A (HEAVY POWER CONTROL) VF SERIES n FEATURES l UL, CSA, VDE recognized TV-5 rated l Form A (SPST-NO) contact l Heavy duty 20 to 30 A small power relay l High inrush current and high surge voltage --Inrush current 65 A --Surge strength 0,000 V l Printed circuit coil terminals type available l Small package meets high density mounting requirement l RoHS compliant since date code: 0435L2 Please see page 7 for more information RoHS compliant n ORDERING INFORMATION [Example] (a) VF (a) B-6 (b) (*) (c) HU (d) (e) VF : VF Series Nil : Top *******All tab-terminal B : Top *******Tab-terminal (contacts) : Bottom***PCB-terminal (coil and movable contact) D : Top *******Tab-terminal (coil) Screw tight terminal (contacts) P : Top *******Screw tight terminal (contacts) : Bottom***PCB terminal (coil and movable contact) Refer to the COIL DATA CHARAT H : 30 A (applicable for D.P.) M : 25 A L : 20 A U : UL, CSA, VDE rating acquired Series Name (b) Terminal (c) (d) (e) Nominal Voltage Contact Rating Standard Note: Actual marking omits hyphen (-) of (*) VF SERIES n COIL DATA CHART MODEL 30 A Type VF (D or P) - 3H VF (D or P) - 5H VF (D or P) - 6H VF (D or P) - 9H VF (D or P) -12H VF (D or P) -18H VF (D or P) -24H VF (D or P) -48H VF (D or P) -60H 25 A Type VF ( ) - 3M VF ( ) - 5M VF ( ) - 6M VF ( ) - 9M VF ( ) -12M VF ( ) -18M VF ( ) -24M VF ( ) -48M VF ( ) -60M 20 A Type VF ( ) - 3L VF ( ) - 5L VF ( ) - 6L VF ( ) - 9L VF ( ) -12L VF ( ) -18L VF ( ) -24L VF ( ) -48L VF ( ) -60L Nominal voltage 3 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 24 VDC 48 VDC 60 VDC Coil resistance (10%) 7.5 20 30 67 120 270 480 1,920 3,000 Must operate voltage 2.1 VDC 3.5 VDC 4.2 VDC 6.3 VDC 8.4 VDC 12.6 VDC 16.8 VDC 33.6 VDC 42.0 VDC Must release voltage 0.3 VDC 0.5 VDC 0.6 VDC 0.9 VDC 1.2 VDC 1.8 VDC 2.4 VDC 4.8 VDC 6.0 VDC Nominal power 1,200 mW 1,250 mW 1,200 mW 1,200 mW 1,200 mW 1,200 mW 1,200 mW 1,200 mW 1,200 mW Note: All values in the table are measured at 20C 2 VF SERIES n SPECIFICATIONS Item Contact Arrangement Material Style Resistance (initial) Rating Resistive Motor 30 A Type VFD, VFP- ( ) H form A (SPST-NO) Silver alloy Single Maximum 30m (at 1 A 6 VDC) 30 A 250 VAC 2 HP 250 VAC 30 A 7,500 VA 250 VAC 30 A A, 0V 1,200 to 1,250 mW 1,590 to 620 mW -30C to +65C (no frost) (refer to the CHARACTERISTIC DATA) Maximum 20 ms Maximum 5 ms 5 x 06 operations minimum x 05 operations minimum (resistive load) 2 x 05 operations minimum (motor load) 0 to 55 Hz (double amplitude of .5 mm) 0 to 55 Hz (double amplitude of .5 mm) 200 m/s2 ( ms) ,000 m/s2 ( 6 ms) Approximately 55 g 25 A 20 A 25 A 250 VAC .5 HP 250 VAC 25 A 6,250 VA 20 A 250 VAC HP 250 VAC 20 A 5,000 VA 25 A Type VF ( ) - ( ) M 20 A Type VF ( ) - ( ) L Maximum Carrying Current Maximum Switching Power Maximum Switching Voltage Maximum Switching Current Minimum Switching Load* Coil Nominal Power (at 20C) Operate Power (at 20C) Operating Temperature Time Value Life Operate (at nominal voltage) Release (at nominal voltage) Mechanical Electrical (at contact rating) Other Vibration Resistance Shock Resistance Weight * Misoperation Endurance Misoperation Endurance Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels. n INSULATION Item Resistance (initial) Dielectric Strength open contacts coil and contacts 30A 25A 20A Note at 500 VDC Minimum 1,000 M 1 min. ,200 VAC min. 4,000 VAC min. 0,000 V Surge Voltage (coil and contact) .2 x 50s standard wave 3 VF SERIES n SAFETY STANDARD AND FILE NUMBERS Type UL Compliance UL 508 873 E5640 CSA C22.2 No. 4 LR 35579 Contact rating Flammability: UL 94-V0 (plastics) [VF-( )-( ) L] 20A, 250VAC (resistive) hp, 250VAC/25VAC TV-5 20 VAC [VF-( )-( ) M] 25A, 250VAC (resistive) .5 hp, 250VAC TV-5 20VAC [VFD, VFP-( )-H] 30A, 250VAC (resistive) 2 hp, 250VAC TV-5 20VAC VDE 0435 n CHARACTERISTIC DATA 4 VF SERIES n REFERENCE DATA n DIMENSIONS l Dimensions VF type l Schematics l PC board mounting hole layout Unit: mm 5 VF SERIES l Dimensions VFB type l Schematics l PC board mounting hole layout VFD type VFP type Unit: mm 6 VF SERIES RoHS Compliance and Lead Free Relay Information 1. General Information Relays produced after the specific date code that is indicated on each data sheet are lead-free now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu. l All signal and most power relays also comply with RoHS. Please refer to individual data sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE). l It has been verified that using lead-free relays in leaded assembly process will not cause any problems (compatible). l "LF" is marked on each outer and inner carton. (No marking on individual relays). l To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office. l We will ship leaded relays as long as the leaded relay inventory exists. Note: Cadmium was exempted from RoHS on October 2, 2005. (Amendment to Directive 2002/95/EC) l 2. Recommended Lead Free Solder Profile l Recommended solder paste Sn-3.0Ag-0.5Cu. Reflow Solder condition Flow Solder condition: Pre-heating: Soldering: maximum 120C dip within 5 sec. at 260C soler bath Solder by Soldering Iron: Soldering Iron Temperature: maximum 360C Duration: maximum 3 sec. We highly recommend that you confirm your actual solder conditions 3. Moisture Sensitivity l Moisture Sensitivity Level standard is not applicable to electromechanical realys. Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in house test. 4. Tin Whisker l 7 VF SERIES Fujitsu Components International Headquarter Offices Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 4, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: components@us.fujitsu.com Web: http://www.fujitsu.com/us/services/edevices/components/ Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (3-23) 556090 Fax: (3-23) 5560950 Email: info@fceu.fujitsu.com Web: emea.fujitsu.com/components/ Asia Pacific Fujitsu Components Asia Ltd. 02E Pasir Panjang Road #01-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 6375-8560 Fax: (65) 6273-302 Email: fcal@fcal.fujitsu.com Web: http://www.fujitsu.com/sg/services/micro/components/ (c)2008 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective owners. Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice. Rev. February 4, 2008. 8 |
Price & Availability of VFD-6HU |