Part Number Hot Search : 
TFS1747 HC1GT 030PAAA A3064 ACE9926B HD6801 2SK90 NJM2063
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF5400 THRU UF5408
ULTRA FAST RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
DO-201AD
Forward Current - 3.0 Amperes
FEATURES
1.0 (25.4) MIN. 0.220(5.6) 0.197(5.0) DIA.
0.375(9.5) 0.285(7.2)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Ultra fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.052(1.3) 0.048(1.2) DIA.
Dimensions in inches and (millimeters)
Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.04 ounce, 1.10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
UF UF UF UF UF UF UF UF UF 5400 5401 5402 5403 5404 5405 5406 5407 5408 UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=55 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range
VRRM VRMS VDC I(AV)
50 35 50
100 200 300 400 500 70 140 210 280 350 100 200 300 400 500 3.0
600 800 1000 VOLTS 420 560 700 VOLTS 600 800 1000 VOLTS Amps
IFSM VF IR trr CJ RqJA TJ,TSTG 50 1.0
150.0 1.70 5.0 150.0 75 45 20.0 -65 to +150
Amps Volts uA ns pF C/W C
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES UF5400 THRU UF5408
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
3.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 120
2.4
1.8
90
1.2
Single Phase Half Wave 60Hz Resistive or inductive Load
60
0.6
30
0 0 25 50 75 100 125 150 175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 1,000 10
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
100
1
TJ=100 C 10
0.1 UF5400-UF5404 UF5405-UF5408
1 TJ=25 C 0.1
0.01 0.2 0.6 1.0 1.4 1.8 2.0
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
400 200
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
JUNCTION CAPACITANCE, pF
TJ=25 C
10
20
1
0.1 0.01 0.1 1 10 100
2 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X