Part Number Hot Search : 
2SB762 7C451 P1012 SF2N3445 P87C32X2 KN2907 CX24431 H472J
Product Description
Full Text Search
 

To Download TM9369 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM9369
Features
! ! ! ! High IP3: +34 dBm Typical Higher Output Power: +21.5 dBm Typical High Gain: 24.5 dB Typical Environmental Screening Available
Available as: TM9369, 4 Pin TO-8 (T4) TN9369, 4 Pin Surface Mount (SM3) BX9369, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point........+56 dBm (Typ.) Second Order Two Tone Intercept Point.........+50 dBm (Typ.) Third Order Two Tone Intercept Point.............+34 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise figure (dB) Power Vdc mA TYPICAL Ta= 25 C 10 - 1000 MHz 24.5 +21.5 -36 1.5:1 1.5:1 4.0 +15 130 MIN/MAX Ta = -55 C to +85 C 10 - 1000 MHz 22.5 Min. +19.5 Min. -35 Max. 2.0:1 Max. 2.0:1 Max. 6.0 Max. +15 140 Max.
Absolute Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Operating Case Temperature ................................ + 125 C DC Voltage ......................................................... + 17 Volts Continuous RF Input Power...................................+13 dBm Short Term RF input Power......50 Milliwatts (1 minute Max.) Maximum Peak power....................0.5 Watts (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
26 25 24 23 22
Start 10 MHz Stop 1000 MHz
Gain (dB)
0 - 10 - 20 - 30 - 40
Reverse Isolation (dB)
6 5 4 3 2
Noise Figure (dB)
Start 10 MHz
Stop 1000 MHz
Start 10 MHz
Stop 1000 MHz
1 dB Comp. (dBm)
+23 +22 +21 +20 +19
Start 10 MHz Stop 1000 MHz
2.0 1.5 1.0
Start 10 MHz
Input VSWR
2.0 1.5 1.0
Stop 1000 MHz Start 10 MHz
Output VSWR
Stop 1000 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
www.SpectrumMicrowave.com Spectrum Microwave * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001
Rev. 11/9/07


▲Up To Search▲   

 
Price & Availability of TM9369

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X