Part Number Hot Search : 
PS241 MSM6685A BPC150 6EDL4 B28DPBE MS23AFA STRG6624 GXP1H
Product Description
Full Text Search
 

To Download T98E227K020EAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T98
Vishay Sprague
TANTAMOUNT(R) Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
FEATURES
* High reliability; Weibull failure rate grading available Pb-free Available * Surge current testing per MIL-PRF-55365 options available RoHS* COMPLIANT * Ultra-low ESR * Terminations: SnPb, standard. 100 % Tin available * Circuit protection for mission or safety critcal systems * Fuse characteristics: Guaranteed fuse protection at 9 A, 100 ms
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating) Capacitance Range: 15 F to 1500 F Capacitance Tolerance: 10 %, 20 % standard Voltage Rating: 4 WVDC to 63 WVDC
ORDERING INFORMATION
T98 TYPE R CASE CODE 227 K CAPACITANCE CAPACITANCE TOLERANCE 020 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V). E TERMINATION/ PACKAGING (Available options are series dependent) E = Sn/Pb Solder/7" (178 mm) reel L = Sn/Pb Solder/7" (178 mm), 1/2 reel C = 100 % Tin/7" (178 mm), reel H = 100 % Tin/7" (178 mm), 1/2 reel S RELIABILITY LEVEL A SURGE CURRENT
See Ratings and Case Codes Table.
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
K = 10 % M = 20 %
A = 1.0 % Weibull B = 0.1 % Weibull (1) S = 40 h Burn-in Z = NonEstablished Reliability
A = 10 Cycles at + 25 C B = 10 Cycles at - 55 C/+ 85 C S = 3 Cycles at 25 c
Note: (1) Available on select ratings. See ratings table on page 7
DIMENSIONS in inches [millimeters]
W L J D B A H
CASE CODE E F R V Z
L (MAX.) 0.287 0.012 [7.3 0.3] 0.287 0.012 [7.3 0.3] 0.287 0.012 [7.3 0.3] 0.287 0.012 [7.3 0.3] 0.287 0.012 [7.3 0.3]
W 0.173 0.016 [4.4 0.4] 0.238 0.016 [6.0 0.4] 0.238 + 0.016/- 0.024 [6.0 + 0.4/- 0.6] 0.173 0.016 [4.4 0.4] 0.238 0.016 [6.0 0.4]
H 0.157 0.016 [4.0 0.4] 0.187 0.016 [4.7 0.4] 0.142 0.016 [3.6 0.4] 0.079 [2.0] Max. 0.238 0.016 [6.0 0.4]
A 0.051 0.012 [1.3 0.3] 0.051 0.012 [1.3 0.3] 0.051 0.012 [1.3 0.3] 0.051 0.012 [1.3 0.3] 0.051 0.012 [1.3 0.3]
B 0.180 0.025 [4.6 0.6] 0.180 0.025 [4.6 0.6] 0.180 0.025 [4.6 0.6] 0.180 0.025 [4.6 0.6] 0.180 0.025 [4.6 0.6]
D (REF.) 0.253 [6.4] 0.243 [6.2] 0.243 [6.2] 0.253 [6.4] 0.243 [6.2]
J (MAX.) 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1]
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3 mm] * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 40119 Revision: 25-Jun-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 1
T98
Vishay Sprague
TANTAMOUNT(R) Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
RATINGS AND CASE CODE
F 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 Note: * All ratings are preliminary, contact marketing for availability V E E/R R V E E R E E R E R F F R R E/R R F Z F 4V 6.3 V 10 V 16 V 20 V 25 V 35 V 50 V 63 V 75 V
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* MAX. DCL at + 25 C (A) MAX. DF at + 25 C 120 Hz (%) (PRELIMINARY) MAX. ESR at + 25 C 100 kHz (m) MAX. RIPPLE 100 kHz IRMS (A)
4 WVDC at + 85 C, SURGE = 5.2 V . . . 2.7 WVDC at + 125 C, SURGE = 3.4 V 470 680 1000 1000 1500 330 470 680 1000 330 470 680 220 V E E R R V E E R E E R E T98V477(1)004(2)(3)(4) T98E687(1)004(2)(3)(4) T98E108(1)004(2)(3)(4) T98R108(1)004(2)(3)(4) T98R158(1)004(2)(3)(4) T98V337(1)6R3(2)(3)(4) T98E477(1)6R3(2)(3)(4) T98E687(1)6R3(2)(3)(4) T98R108(1)6R3(2)(3)(4) T98E337(1)010(2)(3)(4) T98E477(1)010(2)(3)(4) T98R687(1)010(2)(3)(4) T98E227(1)016(2)(3)(4) 19 27 40 40 60 21 30 43 63 33 47 68 35 8 6 8 8 8 8 6 6 8 6 6 6 8 60 55 50 48 45 65 60 55 50 65 58 58 70 2.2 2.9 3.3 3.7 4.1 2.0 2.7 2.9 3.5 2.5 2.8 2.9 2.3
6.3 WVDC at + 85 C, SURGE = 8 V . . . 4 WVDC at + 125 C, SURGE = 5 V
10 WVDC at + 85 C, SURGE = 13 V . . . 7 WVDC at + 125 C, SURGE = 8 V
16 WVDC at + 85 C, SURGE = 20 V . . . 10 WVDC at + 125 C, SURGE = 12 V
Notes: * All ratings are preliminary, contact marketing for availability * Contact factory for availability (1) Capacitance Tolerance: K, M (2) Termination and Packaging: C, E, H, L (3) Reliability Level: A, B, S, Z (4) Surge Current: A, B, S
www.vishay.com 2
For technical questions, contact: tantalum@vishay.com
Document Number: 40119 Revision: 25-Jun-08
T98
TANTAMOUNT(R) Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* MAX. DCL at + 25 C (A) MAX. DF at + 25 C 120 Hz (%) (PRELIMINARY) MAX. ESR at + 25 C 100 kHz (m) MAX. RIPPLE 100 kHz IRMS (A)
Vishay Sprague
20 WVDC at + 85 C, SURGE = 26 V . . . 13 WVDC at + 125 C, SURGE = 16 V 220 330 R F T98R227(1)020(2)(3)(4) T98F337(1)020(2)(3)(4)* 44 66 8 10 110 130 1.8 1.4
25 WVDC at + 85 C, SURGE = 32 V . . . 17 WVDC at + 125 C, SURGE = 20 V 68 150 R F T98R686(1)025(2)(3)(4) T98F157(1)025(2)(3)(4) 17 38 6 8 130 110 1.6 1.8
35 WVDC at + 85 C, SURGE = 46 V . . . 23 WVDC at + 125 C, SURGE = 28 V 47 R T98R476(1)035(2)(3)(4) 17 6 110 1.8
50 WVDC at + 85 C, SURGE = 65 V . . . 33 WVDC at + 125 C, SURGE = 38 V 15 15 22 33 47 E R R F Z T98E156(1)050(2)(3)(4) T98R156(1)050(2)(3)(4) T98R226(1)050(2)(3)(4) T98F336(1)050(2)(3)(4) T98Z476(1)050(2)(3)(4)* 8 8 11 17 24 6 6 6 6 6 330 280 200 180 175 0.8 1.0 0.8 0.8 1.1
63 WVDC at + 85 C, SURGE = 81 V . . . 42 WVDC at + 125 C, SURGE = 54 V 22 F T98F226(1)063(2)(3)(4)* 14 6 230 0.9
Notes: * All ratings are preliminary, contact marketing for availability * Contact factory for availability (1) Capacitance Tolerance: K, M (2) Termination and Packaging: C, E, H, L (3) Reliability Level: A, B, S, Z (4) Surge Current: A, B, S
Document Number: 40119 Revision: 25-Jun-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of T98E227K020EAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X