Part Number Hot Search : 
LC864328 E001475 IRL6903 60B06 56F8367 HC32C 2SK3109 TC1952
Product Description
Full Text Search
 

To Download SSM2304N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM2304N
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Simple drive requirement Small package outline Surface-mount package
S D
BV DSS R DS(ON) I
D
25V 117m 2.5A
Description
SOT-23
G
Power MOSFETs from Silicon Standard provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID @ TA=25C ID @ TA=70C IDM PD @ TA=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS @ 4.5V Continuous Drain Current , VGS @ 4.5V Pulsed Drain Current
1,2 3 3
Rating 25 20 2.5 2 10 1.25 0.01 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 100
Unit C/W
Rev.2.02 3/11/2004
www.SiliconStandard.com
1 of 6
SSM2304N
Electrical Characteristics @ T j=25oC (unless otherwise specified)
Symbol BVDSS
BV DSS/ Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 25 1 -
Typ. 0.1
Max. Units 117 190 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25C,ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=2.5A VGS=4.5V, ID=2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=55 C)
o o
VDS=VGS, ID=250uA VDS=4.5V, ID=2.5A VDS=25V, VGS=0V VDS=25V ,VGS=0V VGS=20V ID=2.5A VDS=15V VGS=10V VDS=15V ID=1A RG=6 ,VGS=10V RD=15 VGS=0V VDS=15V f=1.0MHz
3.4 5.9 0.8 2.1 4.5 11.5 12 3 110 85 39
3 1 10 100 10 -
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V
1
Min. -
Typ. -
Max. Units 1.25 10 1.2 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
IS=1.25A, VGS=0V
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on FR4 board, t < 5 sec.
Rev.2.02 3/11/2004
www.SiliconStandard.com
2 of 6
SSM2304N
10
10
T C =25 C V GS =10V - 5V
8
8
o
T C =150 o C
V GS =10V - 5V
ID , Drain Current (A)
6
ID , Drain Current (A)
6
V GS =4V
4
V GS =4V
4
2
2
V GS =3V
0 0 2 4 6 8 10
V GS =3V
0
V DS , Drain-to-Source Voltage (V)
0
2
4
6
8
10
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
700
1.8
600
I D =2.5A T C =25
V GS =10V I D =2.5A
1.6
500 1.4
400
300
200
100
0 0 2 4 6 8 10
Normalized R DS(ON)
RDSON (m )
1.2
1.0
0.8
0.6 -50 0 50
o
100
150
V GS (V)
T j , Junction Temperature ( C)
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
Rev.2.02 3/11/2004
www.SiliconStandard.com
3 of 6
SSM2304N
3
1.5
ID , Drain Current (A)
2
1
PD (W)
1 0.5 0 25 50 75 100 125 150 0 0 50 100 150
T c , Case Temperature ( o C)
T c , Case Temperature ( o C)
Fig 5. Maximum Drain Current vs. Case Temperature
Fig 6. Typical Power Dissipation
100
1
Duty=0.5 Normalized Thermal Response (R thja)
0.2
10
ID (A)
0.1
0.1
1ms
0.05
PDM
1
t
10ms
0.02
T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta
T c =25 o C Single Pulse
0 0.1 1 10
100ms 1s
0.01 100 0.0001 0.001
SINGLE PULSE
0.01
0.1
1
10
100
V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Rev.2.02 3/11/2004
www.SiliconStandard.com
4 of 6
SSM2304N
10
1000
V DS =15V I D =2.5A
8
f=1.0MHz
VGS , Gate to Source Voltage (V)
6
C (pF)
100
Ciss Coss
4
2
Crss
0 0 1 2 3 4 5 6
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
VDS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
10
2.25
T j =150 o C
T j =25 o C
VGS(th) (V)
2.05
IF (A)
1
1.85
1.65
0 0.1 0.5 0.9 1.3
1.45 -50 0 50 100 150
V SD (V)
Junction Temperature ( o C )
Fig 11. Forward Characteristic of Reverse Diode
Fig 12. Gate Threshold Voltage vs. Junction Temperature
Rev.2.02 3/11/2004
www.SiliconStandard.com
5 of 6
SSM2304N
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.6x RATED VDS
RG
G
+ 10 v -
S VGS
10% VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 10V
D
G S
+
0.6 x RATED VDS
QGS
QGD
VGS
1~ 3 mA
IG ID
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
Rev.2.02 3/11/2004
www.SiliconStandard.com
6 of 6


▲Up To Search▲   

 
Price & Availability of SSM2304N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X