Part Number Hot Search : 
AO8816L FM340 RGP40 01501 LM750 BZX85C15 7815C IWS505
Product Description
Full Text Search
 

To Download RCA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPB
560B
SwHitcrhcraft(R) E S e i es
Audio/Video/Data
The EH Series by Switchcraft(R) is a complete line of audio, video, and data connectors built into standard panel-mount XLR housings. Custom combinations of EH Series connectors can be quickly loaded into any of our Q-G(R) Series panels. Once mounted, connecting your equipment to the back of an EH Series connector is fast and easy. Most connectors are feedthru, which means standard cabling is simply plugged into the back of your gear, then plugged into the back of the EH Series connector. For those EH Series connectors that are not feedthru, solder lugs are clearly marked for simple, secure solder connections. All EH Series connectors are available individually bagged with mounting screws. Q-G(R) Series panels come standard as 1RU (1x16), 1.5RU (1x16), or 2RU (2x16). 1RU and 1.5RU versions allow for any combination of up to 16 EH Series connectors to be loaded into the panel. The 2RU version can accommodate up to 32 EH Series connectors. Every Q-G(R) Series panel includes quick change designation strips for easy connector identification. Switchcraft's EH Series is the fastest and most versatile way to create a custom panel or wall plate perfectly suited to meet the needs of any studio, broadcast facility, or systems integrator. Customize your studio, make it easy to access your I/O's, and increase the lifespan of expensive pieces of equipment using EH Series connectors and Q-G(R) Series Panels from Switchcraft(R).
1. Choose any combination of EH Series connectors.
2. Choose a blank Q-G(R) Series panel.
3. Populate EH Series connectors into Q-G(R) Series panel to create custom I/O solution for all of your audio, video, and data connections.
-QGPK1B440
Switchcraft(R) www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630 Phone: 773-792-2700 Fax: 773-792-2129
EH Series Switchcraft(R) 2 NPB 560B Audio/Video/Data
E3MSCB
E3FSC
E4MSC
E4FSC
E5MSCB
E5FSC
E112BL
EH35MMMSC
EHUSBBAB
EHUSBAB
EHFWX2B
EHFW800X2
EH6MD2
EHSVHS2B
EHRCA2
EHDB9MF
EHDB9FFB
EHHD15MF
EHHD15FFB
EHFFB
EHBNC2B
EHLC2
EHLC2M
EHSC2
EHSC2M
EHST2
EHST2MB
EHTL2
ECPPKG
ECP2PKG
ECP4PKG
Switchcraft(R) www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630 Phone: 773-792-2700 Fax: 773-792-2129
ECP8PKG
Audio/Video/Data
Connector Options
1 EH Series 3.5MM (1/8") Mono 3.5MM (1/8") Stereo SVHS (S-Video) PS/2 Firewire 400 (IEEE1394) Straight-Wired Firewire 400 (IEEE1394) Cross-Wired Firewire 800 (IEEE1394B) Straight-Wired Firewire 800 (IEEE1394B) Cross-Wired RCA BNC BNC (Recessed Front) BNC BNC to RCA RCA to BNC USB A to B USB B to A 9-Pin DSUB Male to Male 9-Pin DSUB Male to Female 9-Pin DSUB Female to Female 15-Pin HD DSUB Male to Male 15-Pin HD DSUB Male to Female 15-Pin HD DSUB Female to Female F to F (Coaxial) LC Fiber Optic (singlemode) LC Fiber Optic (multimode) SC Fiber Optic (singlemode) SC Fiber Optic (multimode) ST Fiber Optic (singlemode) ST Fiber Optic (multimode) TOSLINK
E Series (XLR) Pins Gender Fas-Disconnect Option
D=Fas-Disconnect Blank=Standard Locking
EH Series
Switchcraft(R) NPB 560B 3
2 3 B = Black Blank = Nickel B B B B B B B B B B B B B B B B B B B B B B B (Black Only) (Black Only) (Black Only) (Black Only) B B (Black Only)
Mounting Hole Options
Termination Housing Connector Solder Solder Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Solder Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru Feedthru EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH EH 35MMMSC 35MMSSC SVHS2 6MD2 FW2 FWX2 FW8002 FW800X2 RCA2 BNC2 BNC2R BNCSC BNCRCA RCABNC USBAB USBBA DB9MM DB9MF DB9FF HD15MM HD15MF HD15FF FF LC2 LC2M SC2 SC2M ST2 ST2M TL2
Finish
4 Bagged with Mounting Screws PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG PKG
Bagged with Mounting Screws
Termination Style
ST=Straight PC Terminals RA=Right Angle PC Terminals SC=Solder Cups Blank=Conical Springs (3-Pin)
E
3,4,5
M, F
M3=M3x0.5 Thread B=Black 440=#4-40 Thread Blank=Nickel Blank=Counter-Sunk Hole
PKG
Connector Type 1/4" Mono Locking Jack 1/4" Stereo Locking Jack
Part Number Part Number Bagged with (Nickel Finish) (Black Finish) Mounting Screws E111L E112BL E111BL E112BLB PKG PKG
Blank Hole Covers
1 Space 2 Space 4 Space 8 Space
Part Number
ECPPKG ECP2PKG ECP4PKG ECP8PKG
*Sample EH Series Part Number: EHBNC2BPKG (BNC Feedthru, Black Housing, Bagged with 4-40 Mounting Screws) *Sample E Series Part Number: E3FSCPKG (3-Pin XLR Female, Solder Cups, Bagged with 4-40 Mounting Screws) *Male to female 9-Pin and 15-Pin DSUBS are user reversible to create female to male connectors. *All Blank Hole Covers come bagged with 4-40 mounting screws. *All EH Series Fiber Optic Connectors come with dust caps.
Switchcraft(R) www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630 Phone: 773-792-2700 Fax: 773-792-2129
EH Series Switchcraft(R) 4 NPB 560B Audio/Video/Data
Q-G(R) Panel Options
-QGPK1B440
Empty Q-G(R) Rack Panels
QGPK1B QGPK1B440 QGPK2B QGPK2B440 QGPK3B QGPK3B440
Rack Height
1RU 1RU 1.5RU 1.5RU 2RU 2RU
Number of Knockouts
1 X 16 1 x 16 1 X 16 1 X 16 2 X 16 2 X 16
Tapped 4-40 Holes
NO YES NO YES NO YES
-QGPK332MFB
Pre-Loaded XLR Panels QGPK116FB QGPK116MB QGPK18M8FB QGPK332MFB
Height 1RU 1RU 1RU 2RU
Description 16 Female 16 Male 8 Male, 8 Female 16 Female, 16 Male
Switchcraft(R) www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630 Phone: 773-792-2700 Fax: 773-792-2129


▲Up To Search▲   

 
Price & Availability of RCA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X