|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net PL0014 Series Ultra-Bright White Side View SMD LED Features *Side View Package 4.0mm x 1.4mm x 0.80mm *Right Angle Design Ideal for Backlighting *Low Current Requirements *High Light Output *Wide Viewing Angle *Space Saving Design *Integrated Zener Diode for Higher ESD Protection *RoHS Complaint Absolute Maximum Ratings at TA = 25C Reverse Voltage (<100A) ...................................................................... 5.0V Power Dissipation .......................................................................... 120mW D.C. Forward Current ........................................................................ 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) .................................. 100mA Operating Temperature Range .................................................... -30C to +85C Storage Temperature Range ....................................................... -40C to +100C Reflow Soldering Temperature ............................................ 260C for 10 seconds ESD Threshold (HBM) ......................................................................6000V Electrical & Optical Characteristics at TA = 25C Part Number Water Clear Lens PL0014-WCW24Z White InGaN Emitting Color Material Chromacity Coordinates X 0.29 Y 0.28 View Angle 2 1/2 Deg 120 Forward Voltage @20mA (V) Typ 3.2 Max 3.5 Luminous Intensity Luminous Flux @20mA (mcd) Min Max mlm 900 1300 1300 Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. 4.00 1.40 0.80 0.20 2.30 0.75 2.90 K A 0.70 01.26.07 rev0 |
Price & Availability of PL0014-WCW24Z |