Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download PCM-3240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-3240

RoHS
2002/95/EC
4-axis Stepping and Servo Motor Control PC/104 Card Features
PC/104 interface Independent 4-axis motion control Hand wheel and jog function 2/3-axis linear interpolation function 2-axis circular interpolation function Continuous interpolation function Programmable T/S-curve acceleration/deceleration rate Up to 4 Mpps pulse output for each axis Two pulse output types: CW/CCW or pulse/direction Up to 1 MHz encoder input for each axis Two encoder pulse input types: A/B phase or up/down Constant speed control Position management and software limit switch function BoardIDTM switch
COMPLIANT
Introduction
PCM-3240 is a 4-axis stepping/pulse-type servo motor control card designed for general-purpose motion applications. PCM-3240 is a high-speed 4-axis motion control card for the PC/104 bus that simplifies stepping and pulse-type servo motor control, giving you added performance from your motors. The card's intelligent NOVA(R) MCX314-motion ASIC builds in a variety of motion control functions, such as 2/3-axis linear interpolation, 2- axis circular interpolation, T/S-curve acceleration/deceleration rate and more. In addition, the PCM-3240 performs these motion control functions without processor loading during driving. For advanced applications, we supply Windows(R) DLL drivers and user-friendly examples to decrease your programming load. Moreover, with a free bundled PCM-3240 motion utility, you can easily complete configuration and diagnosis.
Specifications
Pulse Type Motion Control
Motor Driver Support Number of Axes Interpolation Max. Output Speed Step Count Range Pulse Output Type Pulse-type servo/stepping 4 2-axis linear, 3-axis linear, 2-axis circular 4 Mpps 2, 147, 483, 646 Pulse/direction (1-pulse, 1-direction type), or CW/CCW (2-pulse type) Range of command, range of actual position T-Curve, S-Curve PEL x 4, MEL x 4, ORG x 4 ALM x 4, RDY x 4, SVON x 4, INP x 4 CMP x 4 12 16
General
PC/104 CE 2 x IDC 50-pin male connector 96 x 91 mm (3.8" x 3.6") Typical: 5 V @ 850 mA Max.: 5 V @ 1 A Humidity 5 ~ 95% RH, non-condensing (IEC 68-2-3) Operating Temperature 0 ~ 60 C (32 ~ 140 F) Storage Temperature -20 ~ 85 C (-4 ~ 185 F) Bus Type Certifications Connectors Dimensions (L x H) Power Consumption
Position Counters Velocity Profiles Local I/O Machine Interfaces: Servo Driver Interfaces: Position Compare I/O: General Inputs: General Outputs:
Ordering Information
PCM-3240 PCL-10150-1.2 ADAM-3950 ADAM-3952 4-axis Stepping/Servo Motor Control PC/104 Card 50-pin Flat Cable, 1.2 m 50-pin DIN-rail Flat Cable Wiring Board 50-pin DIN-rail SCSI Wiring Board
Encoder Interface
Input Type Counts per Enc. Cycle Input Range Isolation Protection Max. Input Frequency Quadrature (A/B phase or up/down) x1, x2, x4 (A/B phase only) 5 ~ 25 V 2,500 VDC 1 MHz
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCM-3240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X