Part Number Hot Search : 
LZ93B53 EVDP610 B45196 SP6122CU 2M1D3 160AT RT7262E AYF35
Product Description
Full Text Search
 

To Download OSR5PA57E1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Flat Premium Red LED OSR5PA57E1A
Features
Outline
Dimension
High Luminous LEDs
5mm Flat Standard Directivity

Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Applications
Traffic signal, Portable light source Signage and channel letter Decorating and entertainment lighting Architectural lighting Outdoor/Indoor applications/Other Lighting

Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
Directivity
Value
50 120 5 120 -40~ +85 -40 ~ +100 260 /5sec
Unit
mA mA V mW
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
*Pulse width Max.10ms , Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR D Iv 21/2
Maximum Forward Current
Min.
1.8 619 -
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
2.1 624 1000 140
Max.
2.4 10 629 V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5PA57E1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X