Part Number Hot Search : 
ADUM5403 256AL NS0013BX DIALOG TA114 BDV96 E005009 M54564P
Product Description
Full Text Search
 

To Download OSO5MA5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Phoenix Orange LED OSO5MA5111A Features
High Luminous LEDs
5mm Round Standard Directivity
Outline Dimension
Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Applications
Traffic Signal Backlighting Signal and channel letter Other Lighting
Absolute Maximum Rating
Item
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
(Ta=25
Value
50 120 5 120 -30 ~ +85 -40 ~ +100 260 / 5sec
Directivity
Unit
mA mA V mW
Symbol
IF IFP VR PD Topr Tstg Tsol
*Pulse width Max.10ms Duty ratio max 1/10
Electrical -Optical Characteristics
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
(Ta=25
Min.
1.8 600 -
Maximum Forward Current
Symbol
VF IR D Iv 21/2
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
2.1 605 25000 15
Max.
2.4 10 610 V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSO5MA5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X