Part Number Hot Search : 
MC10123 MN1418 1N4001 M45PE80 N3904 74VHC1 SP764805 EL2411CN
Product Description
Full Text Search
 

To Download NCV7708B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCV7708B Double Hex Driver
The NCV7708B is a fully protected Hex-Half Bridge-Driver designed specifically for automotive and industrial motion control applications. The six low and high side drivers are freely configurable and can be controlled separately. This allows for high side, low side, and H-Bridge control. H-Bridge control provides forward, reverse, brake, and high impedance states. The drivers are controlled via a standard SPI interface.
Features
http://onsemi.com
* * * * * * * * * * * * * * * * *
Ultra Low Quiescent Current Sleep Mode Six Independent High-Side and Six independent Low-Side Drivers Integrated Freewheeling Protection (LS and HS) Internal Upper and Lower Clamp Diodes Configurable as H-Bridge Drivers 0.5 A Continuous (1 A peak) Current RDS(on) = 0.8 W (typ) 5 MHz SPI Control SPI Valid Frame Detection Compliance with 5 V and 3.3 V Systems Overvoltage Lockout Undervoltage Lockout Fault Reporting Current Limit Overtemperature Protection Internally Fused Lead in SOIC-28 Packaged for Better Thermal Performance These are Pb-Free Devices*
SOIC-28 DW SUFFIX CASE 751F
MARKING DIAGRAM
NCV7708B AWLYYWWG
A WL YY WW G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
PIN CONNECTIONS
OUTL5 OUTH5 OUTH4 OUTL4 VS2 GND GND GND GND VS1 OUTL3 OUTH3 OUTH2 OUTL2 1 OUTH6 OUTL6 SI SCLK CSB GND GND GND GND VCC SO EN OUTL1 OUTH1
Typical Applications
* Automotive * Industrial * DC Motor Management
ORDERING INFORMATION
Device NCV7708BDWR2G Package SOIC-28W (Pb-Free) Shipping 1000/ Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2010
May, 2010 - Rev. 1
1
Publication Order Number: NCV7708B/D
NCV7708B
VS1 DRIVE 1 High-Side Driver Waveshaping
VS EN ENABLE CP Charge Pump Control Logic POR BIAS Fault Detect SPI Control Fault
VS
OUTH1
VCC
Low-Side Driver Waveshaping Under-load Overcurrent Thermal Warning/Shutdown
OUTL1
SO
SI
SPI
SCLK CSB
16 Bit Logic and Latch VS
OUTH2 DRIVE 2 OUTL2
CP
VS DRIVE 3 CP VS1 VS2 CP
OUTH3 OUTL3
Undervoltage Lockout
VS DRIVE 4
OUTH4 OUTL4
VS1 VS2
Overvoltage Lockout
VS DRIVE 5 CP
OUTH5 OUTL5
VS DRIVE 6 CP
OUTH6 OUTL6
GND
VS2
Figure 1. Block Diagram
http://onsemi.com
2
NCV7708B
PIN DESCRIPTION
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol OUTL5 OUTH5 OUTH4 OUTL4 VS2 GND GND GND GND VS1 OUTL3 OUTH3 OUTH2 OUTL2 OUTH1 OUTL1 EN SO VCC GND GND GND GND CSB SCLK SI OUTL6 OUTH6 Description Output Low Side 5. Open drain output driver with internal reverse diode. Output High Side 5. Open source output driver with internal reverse diode. Drain connected to VS2. Output High Side 4. Open source output driver with internal reverse diode. Drain connected to VS2. Output Low Side 4. Open drain output driver with internal reverse diode. Voltage Power Supply input for the High-Side Output Drivers 4, 5, and 6. Ground Ground Ground Ground Voltage Power Supply input for the High-Side Output Drivers 1, 2, and 3, All Six Low-Side Pre Drivers, and All Six Charge Pumps. Output Low Side 3. Open drain output driver with internal reverse diode. Output High Side 3. Open source output driver with internal reverse diode. Drain connected to VS1. Output High Side 2. Open source output driver with internal reverse diode. Drain connected to VS1. Output Low Side 2. Open drain output driver with internal reverse diode. Output High Side 1. Open source output driver with internal reverse diode. Drain connected to VS1. Output Low Side 1. Open drain output driver with internal reverse diode. Enable. Input high wakes the IC up from a sleep mode. Serial Output. 16 bit serial communications output. Power supply input for Logic. Ground Ground Ground Ground Chip Select Bar. Active low serial port operation. Serial Clock. Clock input for use with SPI communication. Serial Input. 16 bit serial communications input. Output Low Side 6. Open drain output driver with internal reverse diode. Output High Side 6. Open source output driver with internal reverse diode. Drain connected to VS2.
http://onsemi.com
3
NCV7708B
MAXIMUM RATINGS
Rating Power Supply Voltage (VS1, VS2) (DC) (AC), t < 500 ms, Ivsx > -2 A Output Pin OUTHx (DC) (AC - inductive clamping) Output Pin OUTLx (DC) (AC), t < 500 ms, IOUTLx > -2 A (AC Inductive Clamping) Pin Voltage (Logic Input pins, SI, SCLK, CSB, SO, EN, VCC) Output Current (OUTL1, OUTL2, OUTL3, OUTL4, OUTL5, OUTL6, OUTH1, OUTH2, OUTH3, OUTH4, OUTH5, OUTH6) (DC) Vds = 12 V (DC) Vds = 20 V (DC) Vds = 40 V (AC) Vds = 12 V, (50 ms pulse, 1 s period) (AC) Vds = 20 V, (50 ms pulse, 1 s period) (AC) Vds = 40 V, (50 ms pulse, 1 s period) Electrostatic Discharge, Human Body Model, VS1, VS2, OUTx Electrostatic Discharge, Human Body Model, all other pins Electrostatic Discharge, Machine Model Electrostatic Discharge, Charged Device Model Operating Junction Temperature Storage Temperature Range Moisture Sensitivity Level MAX 235C Processing Value -0.3 to 40 -1.0 V -0.3 to 40 -8.0 -0.3 to 34 -1.0 48 -0.3 to 7.0 V Unit V
V A
-1.5 to 1.5 -0.7 to 0.7 -0.25 to 0.25 -2.0 to 2.0 -0.9 to 0.9 -0.3 to 0.3 4.0 2.0 200 1.0 -40 to 150 -55 to 150 3 kV kV V kV C C -
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Value Rating Digital Supply Input Voltage (VCC) Battery Supply Input Voltage (VS) DC Output Current (Dx, Sx) Junction Temperature (TJ) Min 3.0 5.1 - -40 Max 5.5 28 0.5 125 Unit V V A C
THERMAL CONDITIONS
Test Conditions, Typical Value Thermal Parameters Junction-to-Lead (psi-JL8, YJL8) or Pins 6-9, 20-23 Junction-to-Ambient (RqJA, qJA) 1. 1-oz copper, 240 mm2 copper area, 0.062 thick FR4. 2. 1-oz copper, 986 mm2 copper area, 0.062 thick FR4. min-pad board (Note 1) 10 73 1,-pad board (Note 2) 11 56 Unit C/W C/W
http://onsemi.com
4
NCV7708B
ELECTRICAL CHARACTERISTICS
(-40C < TJ < 150C, 5.5 V < VSx < 40 V, 3 V < VCC < 5.25 V, EN = VCC, unless otherwise specified) Characteristic GENERAL Supply Current (VS1 + VS2) Sleep Mode (Note 4) Supply Current (VS1) Active Mode Supply Current (VCC) - Sleep Mode (Note 4) Supply Current (VCC) - Active Mode Supply Current (VS2) Active Mode VCC Power-On-Reset Threshold VSx Undervoltage Detection Threshold VSx Undervoltage Detection Hysteresis VSx Overvoltage Detection Threshold VSx Overvoltage Detection Hysteresis Thermal Warning (Note 3) Thermal Warning Hysteresis (Note 3) Thermal Shutdown (Note 3) Ratio of Thermal Shutdown to Thermal Warning (Note 3) OUTPUTS Output High RDSon (source) Iout = -500 mA 8 V < Vs < 40 V 8 V < Vs < 40 V, T = 25C 5.5 V < Vs 8 V 5.5 V < Vs 8 V, T = 25C Iout = 500 mA 8 V < Vs < 40 V 8 V < Vs < 40 V, T = 25C 5.5 V < Vs 8 V 5.5 V < Vs 8 V, T = 25C OUTH(1-6) = 0 V, VSx = 40 V, VCC = 5 V OUTH(1-6) = 0 V, Vsx = 13.2 V, VCC = 5V OUTL(1-6) = 34 V, VCC = 5 V OUTL(1-6) = 34 V, VCC = 5 V, T = 25C VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V W - - - - - - - - -5.0 -1.0 - - -1.9 -5.0 1.0 10 10 - 0.8 - 1.3 - 0.8 - 1.3 - - - - -1.45 -3.0 1.45 25 25 1.8 1.0 2.2 - W 1.8 1.0 2.2 - - - 5.0 1.0 -1.0 -2.0 1.9 50 50 mA mA A A A ms VSx increasing VSx decreasing VS1 = VS2 = 13.2 V, VCC = CSB = 5 V, EN = SI = SCLK = 0 V (-40C to 85C) EN = VCC, 5.5 V < VSx < 35 V No Load CSB = VCC, EN = SI = SCLK = 0 V (-40C to 85C) EN = CSB = VCC, SI = SCLK = 0 V EN = VCC, 5.5 V < VSx < 35 V No Load - - - - - 2.60 4.2 100 35.0 1.5 120 - 155 1.05 1.0 2.0 1.0 1.5 0.5 2.80 4.6 - 37.5 3.5 145 30 175 1.20 5.0 4.0 2.5 3.0 1.0 3.00 5.1 400 40.0 5.5 170 - 195 - mA mA mA mA mA V V mV V V C C C - Test Conditions Min Typ Max Unit
Output Low RDSon (sink)
Source Leakage Current Sink Leakage Current Overcurrent Shutdown Threshold (OUTHx) Current Limit (OUTHx) Overcurrent Shutdown Threshold (OUTLx) Overcurrent Shutdown Delay Time - Source Overcurrent Shutdown Delay Time - Sink 3. 4. 5. 6.
Thermal characteristics are not subject to production test. For temperatures above 85C, refer to graphs for VSx and VCC Sleep Current vs. Temperature on page 13. Refer to "Typical High-Side Negative Clamp Voltage" graph on page 13. Not production tested.
http://onsemi.com
5
NCV7708B
ELECTRICAL CHARACTERISTICS
(-40C < TJ < 150C, 5.5 V < VSx < 40 V, 3 V < VCC < 5.25 V, EN = VCC, unless otherwise specified) Characteristic OUTPUTS Current Limit (OUTLx) Under Load Detection Threshold (OUTLx) Under Load Detection Threshold (OUTHx) Under Load Detection Delay Time Power Transistor Body Diode Forward Voltage High-Side Clamping Voltage (Note 5) Low-Side Clamping Voltage Low-Side Clamping Energy Logic Inputs (EN, SI, SCLK, CSB) Input Threshold - High Input Threshold - Low Input Hysteresis Input Pulldown Current (EN, SI, SCLK) Sleep Mode (SI, SCLK) Input Pullup Current (CSB) Sleep Mode Input Capacitance (Note 6) Logic Output (SO) Output High Output Low Tri-state Leakage Tri-state Input Capacitance (Note 6) Timing Specifications High Side Turn On Time High Side Turn Off Time Low Side Turn On Time Low Side Turn Off Time High Side Rise Time High Side Fall Time Low Side Rise Time Low Side Fall Time Non-Overlap Time Non-Overlap Time 3. 4. 5. 6. Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W Vs = 13.2 V, Rload = 25 W High Side Turn Off To Low Side Turn On Low Side Turn Off To High Side Turn On - - - - - - - - 1.5 1.5 7.5 3.0 6.5 2.0 4.0 2.0 1.0 1.0 - - 13 6.0 13 5.0 8.0 3.0 2.0 3.0 - - ms ms ms ms ms ms ms ms ms ms Iout = 1 mA Iout = -1.6 mA CSB = VCC, 0 V < SO < VCC CSB = VCC, 0 V < VCC < 5.25 V VCC - 1.0 - -10 - VCC - 0.7 0.2 - 10 - 0.4 10 15 V V mA pF EN = SI = SCLK = VCC EN = 0, SI = SCLK = VCC CSB = 0 V, EN = VCC EN = 0 V, VCC = 5 V - 30 100 5.0 10 -50 -100 - - - 300 10 50 -10 -50 10 70 - 600 50 100 -5.0 -10 15 %VCC mV mA mA pF VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V VCC = 5 V, Vsx = 13.2 V IF = 500 mA I(OUTHx) = -50 mA I(OUTLx) = 50 mA I(OUTLx) = 0.6 A, TA= 25C, DC = 0.5% 2.0 3.0 -15 200 - - 34 - 3.0 8.0 -6.0 350 0.9 - - - 5.0 15 -2.0 600 1.3 -0.7 48 15 A mA mA ms V V V mJ Test Conditions Min Typ Max Unit
Thermal characteristics are not subject to production test. For temperatures above 85C, refer to graphs for VSx and VCC Sleep Current vs. Temperature on page 13. Refer to "Typical High-Side Negative Clamp Voltage" graph on page 13. Not production tested.
http://onsemi.com
6
NCV7708B
ELECTRICAL CHARACTERISTICS
(-40C < TJ < 150C, 5.5 V < VSx < 40 V, EN = VCC = 5 V, unless otherwise specified) Characteristic Conditions Timing Chart # Min Typ Max Unit
Serial Peripheral Interface (VCC = 5 V)
SCLK Frequency SCLK Clock Period Maximum Input Capacitance (Note 7) SCLK High Time SCLK Low Time SCLK Setup Time SI Setup Time SI Hold Time CSB Setup Time CSB High Time (Note 8) SO enable after CSB falling edge SO disable after CSB rising edge SO Rise Time SO Fall Time SO Valid Time Cload = 40 pF Cload = 40 pF SCLK to SO 50% VCC = 5 V VCC = 3.3 V SI, SCLK - 1 2 3 4 11 12 5 6 7 8 9 - - 10 - 200 500 - 85 85 85 85 50 50 100 100 200 - - - - - - - - - - - - - - - - - - - - 10 10 20 5.0 - - 12 - - - - - - - - - 50 50 25 25 50 MHz ns pF ns ns ns ns ns ns ns ns ns ns ns ns
7. Not tested in production 8. This is the minimum time the user must wait between SPI commands.
http://onsemi.com
7
NCV7708B
4 7
CSB 6
5 SCLK
3
1
2
CSB
SO
8
9
SI 12
SCLK 11 10 SO
Figure 2. SPI Timing Diagram SPI Communication
Standard 16-bit communication has been implemented for the communication of this IC to turn drivers on and off, and to report faults. (Reference the SPI Communication Frame Format Diagram). The LSB (Least Significant Bit) is clocked in first. Communication is implemented as follows: 1. CSB goes low to allow serial data transfer. 2. A 16 bit word is clocked (SCLK) into the SI (serial input) pin. The SI input signal is latched on the falling edge of SCLK.
3. CSB goes high to transfer the clocked in information to the data registers. (Note: SO is tristate when CSB is high.) 4. The SI data will be accepted when a valid SPI frame is detected. A valid SPI frame consists of the above conditions and a complete set of multiples of 16 bit words.
http://onsemi.com
8
NCV7708B
CSB
SI SCLK
SRR
OUTL1 OUTH1 OUTL2 OUTH2 OUTL3 OUTH3 OUTL4 OUTH4 OUTL5 OUTH5 OUTL6 OUTH6
OCD
ULD
OVLO
SO
TW
OUTL1 OUTH1 OUTL2 OUTH2 OUTL3 OUTH3 OUTL4 OUTH4 OUTL5 OUTH5 OUTL6 OUTH6
OLD
ULD
PSF
Figure 3. SPI Communication Frame Format
The table below defines the programming bits and diagnostic bits. Fault information is sequentially clocked out the SO pin of the NCV7708B as programming information is clocked into the SI pin of the device. Daisy chain
Input Data Bit Number 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit Description Over Voltage Lock Out Control (OVLO) Under Load Detection Shut Down Control (ULD) Over Current Detection Shut Down Control (OCD) OUTH6 OUTL6 OUTH5 OUTL5 OUTH4 OUTL4 OUTH3 OUTL3 OUTH2 OUTL2 OUTH1 OUTL1 Status Register Reset (SRR) Bit Status 0 = Disable 1 = Enable 0 = Disable 1 = Enable 0 = Disable 1 = Enable 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = No Reset 1 = Reset *Output Bits [1:12] represent the state of the designated outputs.
communication between SPI compatible IC's is possible by connection of the serial output pin (SO) to the input of the sequential IC (SI).
Output Data Bit Number 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit Description Power Supply Fail Signal (OVLO or UVLO = PSF) Under Load Detect Signal (ULD) Over Load Detect Signal (OLD) OUTH6* OUTL6* OUTH5* OUTL5* OUTH4* OUTL4* OUTH3* OUTL3* OUTH2* OUTL2* OUTH1* OUTL1* Thermal Warning (TW) Bit Status 0 = No Fault 1 = Fault 0 = No Fault 1 = Fault 0 = No Fault 1 = Fault 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Off 1 = On 0 = Not in TW 1 = In TW
http://onsemi.com
9
NCV7708B
DETAILED OPERATING DESCRIPTION
General
The NCV7708B Double Hex Driver provides drive capability for 3 independent H-Bridge configurations, or 6 High Side configurations with 6 Low Side configurations, or any combination of arrangements. Each output drive is characterized for a 500 mA load and has a typical 1.0 A surge capability (at 12 V). Strict adherence to integrated circuit die temperature is necessary. Maximum die temperature is 150C. This may limit the number of drivers enabled at one time. Output drive control and fault reporting is handled via the SPI (Serial Peripheral Interface) port. An Enable function (EN) provides a low quiescent sleep current mode when the device is not being utilized. No data is stored when the device is in sleep mode. A pull down current source is provided on the EN input to ensure the device is off if the input signal is lost. Pull down current sources are also provided on the SI and SCLK inputs. A pull up current source is provided for the CSB input for the same reason. A loss of signal pulls the CSB input high to stop any spurious signals into the SPI port.
Power Up/Down Control
initialized in the off (high impedance) condition, and will remain off regardless of the status of VCC. This allows power up sequencing of VCC, VS1, and VS2 up to the user. The voltage on VS1 and VS2 should be operated at the same potential. A built-in hysteresis on the under voltage threshold is included to prevent an unknown region on the power pins. After a device has powered up and the output drivers are allowed to turn on, the output drivers will not turn off until the voltage on the supply pins is reduced from the initial under voltage threshold, or if shut down by either a SPI command or a fault condition. Internal power-up circuitry on the logic supply pin supports a smooth turn on transition. VCC power up resets the internal logic such that all output drivers will be off as power is applied. Exceeding the under voltage lockout threshold on VCC allows information to be input through the SPI port for turn on control. Logic information remains intact over the entire VS1 and VS2 voltage range.
Current Limitation
An under voltage lockout circuit prevents the output drivers from turning on unintentionally. This control is provided by monitoring the voltages on the VS1, VS2, and VCC pins. Each analog power pin (VS1 or VS2) powers their respective output drivers (VS1 powers OUTH1, OUTH2, OUTH3, all 6 charge pumps and all 6 low side pre-drivers. VS2 powers OUTH4, OUTH5, and OUTH6). All drivers are
Over Current Detection Shut Down
OCD Input Bit 13 0 0 1 1 OUTx OCD Condition 0 1 0 1 Output Data Bit 13 Over Load Detect (OLD) Status 0 1 (Need SRR to reset) 0 1 (Need SRR to reset)
Input bit 13 (OCD) controls the action of driver shutoff during current limit. With a 0 for bit 13, there is no driver shutoff, and the drivers current limit at 3 A. With a 1 for input bit 13, the output drivers shut off when the shutdown threshold current is passed. Devices can be turned back on via the SPI port. Note: high currents could cause a high rise in die temperature. Devices will not turn on if the die temperature exceeds the thermal shutdown temperature.
Current Limit of all Drivers 3A 3A 3A 3A
OUTx Status Unchanged Unchanged Unchanged OUTx Latches Off (Need SRR to reset)
Under Load Detection
The under-load detection is accomplished by monitoring the current from each output driver. A minimum load current (this is the maximum open circuit detection threshold) is required when the drivers are turned on. If the under-load circuit detection threshold has been crossed for more than
Under Load Detection Shut Down
ULD Input Bit 14 0 0 1 1 OUTx ULD Condition 0 1 0 1 Output Data Bit 14 Under Load Detect (ULD) Status 0 1 (Need SRR to reset) 0 1 (Need SRR to reset)
the under-load delay time, the bit indicator (output bit #14) for open circuit will be set to a 1. In addition, the offending driver will be turned off only if input bit 14 (ULD) is set to 1 (true).
OUTx Status Unchanged Unchanged Unchanged OUTx Latches Off (Need SRR to reset)
http://onsemi.com
10
NCV7708B
Over Voltage Shutdown
Over voltage shutdown circuitry monitors the voltage on the VS1 and VS2 pins. When the Over-voltage Threshold voltage level has been breached on both or either one of the VSx supply inputs, output bit 15 will be set and, if input bit 15 (OVLO) is set to 1, all outputs will turn off. Turn on/off
Over Voltage Lock Out (OVLO) Shut Down
OVLO Input Bit 15 0 0 1 1 VSx OVLO Condition 0 1 0 1 Output Data Bit 15 Power Supply Fail (PSF) Status 0 1 (Need SRR to reset) 0 1 (Need SRR to reset)
status is maintained in the logic circuitry. When proper input voltage levels are re-established, the programmed outputs will turn back on. Over-voltage shutdown can be disabled by using the SPI input bit 15 (OVLO = 0).
OUTx Status Unchanged Unchanged Unchanged All Outputs Off (Remain off until VSx is out of OVLO)
Thermal Shutdown
Six independent thermal shutdown circuits are featured (one common sensor for each HS and LS transistor pair). Each sensor has two levels, one to give a Thermal Warning (TW) and a higher one, Over Temperature, which will shut the drivers off. When the part reaches the temperature point of Thermal Warning, the output data bit 0 (TW) will be set to a 1, and the outputs will remain on. With one or more sensors detecting the over temperature level, all channels will be turned off simultaneously. All outputs will return to normal operation when the part thermally recovers (Thermal toggling), because the over temperature shutdown does not change the actual channel selection. The output data bit 0, Thermal Warning, will latch and remain set, even after cooling, and is reset by using a software command to input bit 0 (SRR). Since thermal warning precedes a thermal shutdown, software polling of this bit will allow for load
control and possible prevention of thermal shutdown conditions. Thermal warning information can be retrieved immediately without performing a complete SPI access cycle. Figure 4 below displays how this is accomplished. Bringing the CSB pin from a 1 to a 0 condition immediately displays the information on the output data bit 0, thermal warning, even in the absence of a SCLK signal. As the temperature of the NCV7708B changes from a condition from below the thermal warning threshold to above the thermal warning threshold, the state of the SO pin changes and this level is available immediately when the CSB goes to 0. A 0 on SO indicates there is no thermal warning, while a 1 indicates the IC is above the thermal warning threshold. This warning bit is reset by using the input data bit 0, SRR.
CSB
CSB
SCLK
SCLK
SO Tristate Level
TWH
SO
Tristate Level NTW No Thermal Warning
Thermal Warning High
Figure 4. Access to Temperature warning information shows the thermal information is available immediately with activation of the CSB signal without having to toggle the SCLK line.
http://onsemi.com
11
NCV7708B
Applications Drawing
The applications drawing below displays the range with which this part can drive a multitude of loads.
1. H-Bridge Driver configuration 2. Low Side Driver 3. High Side Driver
+ VSx 3
VSx
OUTHx OUTLx 1 GND VSx M
OUTHx OUTLx 2 GND
OUTHx OUTLx
GND
Figure 5. Application Drawing
Any combination of motors and high side drivers can be designed in. This allows for flexibility in many systems.
H-Bridge Driver Configuration Overvoltage Clamping - Driving Inductive Loads
The NCV7708B has the flexibility of controlling each driver independently. When the device is set up in an H-Bridge configuration, the software design has to take care of avoiding simultaneous activation of connected HS and LS transistors. Resulting high shoot through currents could cause irreversible damage to the device.
To avoid excessive voltages when driving inductive loads in a single-side-mode (LS or HS switch, no freewheeling path), the NCV7708B provides internal clamping diodes. Thus any load type can be driven without the requirement of external freewheeling diodes. Due to high power dissipation during clamping, the maximum energy capability of the driver transistor has to be considered.
Thermal Model
Lead #1 Various copper areas used for heat spreading
Package Construction With and Without Mold Compound Molded as 1/4 Symmetry
Active Area (red) Lead #8 (one of 8 thermal leads)
http://onsemi.com
12
NCV7708B
TYPICAL OPERATING CHARACTERISTICS
-1.2 VCC SLEEP CURRENT (mA) 0 -1.0 -2.0 -3.0 -4.0 HIGH SIDE CURRENT (A) -1.0 -0.8 -0.6 -0.4 -0.2 0 4.0
3.0
2.0
1.0
0 -50
0
50 TJ, TEMPERATURE (C)
100
150
HIGH SIDE PIN VOLTAGE (V)
Figure 6. Typical High-side Negative Clamp Voltage vs. Reverse Current, Room Temperature
Figure 7. VCC Sleep Supply Current vs. Temperature
110 100 90 qJA (C/W) 80 70 60 50 40 0 2 oz 1 oz VS1 + VS2 SLEEP CURRENT (mA)
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 -50 0 50 TJ, TEMPERATURE (C) 100 150
100 200 300 400 500 600 700 800 900 1000 COPPER AREA (mm2)
Figure 8. qJA vs. Copper Spreader Area
Figure 9. VS1 + VS2 Sleep Current vs. Temperature
100
Cu_Area = 239 mm2 1 oz
10 R(t) (C/W)
Cu_Area = 986 mm2 1 oz 1 S
1.0
0.1
0.01 0.000001 0.00001
0.0001
0.001
0.01 TIME (sec)
0.1
1.0
10
100
1000
Figure 10. SOIC 28-Lead Single Pulse Heating Curve http://onsemi.com
13
NCV7708B
100 D = 0.50 10 R(t) (C/W) D = 0.20 D = 0.10 D = 0.05 D = 0.01
1.0
0.1 Cu_Area = 986 mm2 1 oz 1 S 0.01 0.000001 0.00001 0.0001
0.001
0.01
0.1
1.0
10
100
1000
PULSE DURATION (sec)
Figure 11. SOIC 28-Lead Thermal Duty Cycle Curves on 1, Spreader Test Board SOIC 28-lead Thermal RC Network Models
239 mm2 986 mm2 239 mm2 986 mm2 Cauer Network C's 2.68E-05 1.02E-04 2.82E-04 9.58E-04 2.72E-03 2.02E-03 2.93E-02 0.116 0.16 1 R's 0.048 0.115 0.352 0.777 0.599 1.677 2.968 6.424 6.940 53.503 C's 2.68E-05 1.02E-04 2.84E-04 9.73E-04 2.63E-03 1.95E-03 3.12E-02 0.091 0.21 1 R's 0.048 0.115 0.349 0.776 0.630 1.667 3.151 5.527 6.689 36.970 C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W Units W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C W-s/C Foster Network Tau 1.00E-06 1.00E-05 1.00E-04 5.00E-04 1.00E-03 1.00E-02 8.00E-02 4.00E-01 2.00E+00 6.00E+01 R's 2.84E-02 6.14E-02 1.94E-01 0.100 0.500 1.839 2.207 1.249 8.225 59.000 Tau 1.00E-06 1.00E-05 1.00E-04 5.00E-04 1.00E-03 1.00E-02 8.00E-02 4.00E-01 2.00E+00 5.50E+01 R's 2.84E-02 6.14E-02 1.94E-01 0.100 0.480 1.933 1.836 2.291 8.000 41.000 C/W C/W C/W C/W C/W C/W C/W C/W C/W C/W Cu Area Units sec sec sec sec sec sec sec sec sec sec
Bold face items in the Cauer network above, represent the package without the external thermal system. The Bold face items in the Foster network are computed by the square root of time constant R(t) = 28.4 * sqrt(time(sec)). The constant is derived based on the active area of the device with silicon and epoxy at the interface of the heat generation.
http://onsemi.com
14
NCV7708B
The Cauer networks generally have physical significance and may be divided between nodes to separate thermal behavior due to one portion of the network from another. The Foster networks, though when sorted by time constant (as above) bear a rough correlation with the Cauer networks, are really only convenient mathematical models. Both Foster and Cauer networks can be easily implemented using
Junction R1 R2 R3
circuit simulating tools, whereas Foster networks may be more easily implemented using mathematical tools (for instance, in a spreadsheet program), according to the following formula:
n
R(t) +
i+1
Ri 1 * e *t
taui
Rn
C1
C2
C3
Cn Ambient (thermal ground)
Time constants are not simple RC products. Amplitudes of mathematical solution are not the resistance values.
Figure 12. Grounded Capacitor Thermal Network ("Cauer" Ladder)
Junction R1 R2 R3 Rn
C1
C2
C3
Cn Ambient (thermal ground)
Each rung is exactly characterized by its RC-product time constant; amplitudes are the resistances.
Figure 13. Non-Grounded Capacitor Thermal Ladder ("Foster" Ladder)
http://onsemi.com
15
NCV7708B
PACKAGE DIMENSIONS
SOIC-28 WB CASE 751F-05 ISSUE H
-X-
28
D
15 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBER PR5OTRUSION SHALL NOT BE 0.13 TOTATL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 2.35 2.65 0.13 0.29 0.35 0.49 0.23 0.32 17.80 18.05 7.40 7.60 1.27 BSC 10.05 10.55 0.41 0.90 0_ 8_
E -Y-
1 PIN 1 IDENT 14
H 0.25
M
Y
M
A 0.10 G B 0.025
M
L -T-
SEATING PLANE
A1 Y
S
C M
TX
S
DIM A A1 B C D E G H L M
SOLDERING FOOTPRINT
11.00
28X 8X
1.30 1 28
0.52
28X
1.27 PITCH
14
15
DIMENSIONS: MILLIMETERS
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
16
NCV7708B/D


▲Up To Search▲   

 
Price & Availability of NCV7708B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X