Part Number Hot Search : 
25ETTT C1386 SST509 OM4411SR ADUM1286 UN5111 APL0155 M61528FP
Product Description
Full Text Search
 

To Download MSS1278T-123ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPERATU HIGH
RE
Document 598-1
SMT Power Inductors - MSS1278T
* Designed for high ambient temperatures * Very low DCR, excellent current handling * Magnetic shielding for high density mounting
Designer's Kit C419 contains 3 of each value Core material Ferrite Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight: 3.8 g - 4.6 g Ambient temperature -40C to +125C with Irms current, +125C to +165C with derated current Storage temperature Component: -40C to +165C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 500/13 reel; Plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing, 8.1 mm pocket depth PCB washing Only pure water or alcohol recommended
DCR3 SRF (mOhms) Inductance2 typ4 Part number1 (H) typ max (MHz) MSS1278T-102NL_ 1.0 30% 6.3 7.0 115 MSS1278T-142NL_ 1.4 30% 8.8 9.8 85 MSS1278T-222NL_ 2.2 30% 9.4 10.5 60 MSS1278T-272NL_ 2.7 30% 10.1 11.3 40 MSS1278T-392NL_ 3.9 30% 11.7 13.0 35 MSS1278T-472ML_ 4.7 20% 13.9 15.5 33 MSS1278T-562ML_ 5.6 20% 15.7 17.5 30 MSS1278T-682ML_ 6.8 20% 19.1 21.3 23 MSS1278T-822ML_ 8.2 20% 20.3 22.6 20 MSS1278T-103ML_ 10 20% 21.8 24.3 17 MSS1278T-123ML_ 12 20% 23.2 25.8 15 MSS1278T-153ML_ 15 20% 27.9 31.0 13 MSS1278T-183ML_ 18 20% 30.8 34.3 12 MSS1278T-223ML_ 22 20% 35.5 39.5 11 MSS1278T-273ML_ 27 20% 45.0 50.0 10 MSS1278T-333ML_ 33 20% 61.9 68.8 9.5 MSS1278T-393ML_ 39 20% 69.1 76.8 8.5 MSS1278T-473ML_ 47 20% 72.3 80.4 7.5 MSS1278T-563ML_ 56 20% 80.2 89.2 7.0 MSS1278T-683ML_ 68 20% 91.3 101.5 6.5 MSS1278T-823ML_ 82 20% 125.9 139.9 5.0 MSS1278T-104ML_ 100 20% 135.1 150.2 4.5 MSS1278T-124KL_ 120 10% 182.3 202.6 4.3 MSS1278T-154KL_ 150 10% 216.5 240.6 4.1 MSS1278T-184KL_ 180 10% 229.0 254.5 4.0 MSS1278T-224KL_ 220 10% 323.6 359.6 3.4 MSS1278T-274KL_ 270 10% 415.6 461.8 3.1 MSS1278T-334KL_ 330 10% 487.3 541.5 2.9 MSS1278T-394KL_ 390 10% 533.6 592.9 2.7 MSS1278T-474KL_ 470 10% 707.5 786.2 2.2 MSS1278T-564KL_ 560 10% 777.4 863.8 2.0 MSS1278T-684KL_ 680 10% 1045 1162 1.7 MSS1278T-824KL_ 820 10% 1166 1296 1.4 MSS1278T-105KL_ 1000 10% 1334 1482 1.3
Isat (A)5 Irms (A)6 10% 20% 30% 20C 40C drop drop drop rise rise 31.84 35.04 36.84 7.1 10.1 25.04 27.76 29.52 6.8 9.8 22.56 24.80 25.96 6.3 9.2 18.76 20.72 22.04 6.1 8.6 16.52 18.24 19.20 5.7 7.7 15.30 16.90 17.76 4.3 6.2 13.38 14.86 15.74 4.3 6.2 12.10 13.56 14.20 4.2 6.0 11.38 12.60 13.28 4.1 5.9 10.62 11.82 12.48 4.0 5.7 8.90 9.88 10.44 3.7 5.2 8.36 9.32 9.94 3.5 4.9 8.00 8.88 9.36 3.0 4.5 7.08 7.88 8.34 2.9 4.0 6.32 7.08 7.54 2.6 3.6 5.96 6.56 6.98 2.3 3.1 5.38 5.94 6.28 2.1 3.0 4.76 5.40 5.66 2.0 2.9 4.40 4.98 5.30 1.9 2.7 3.92 4.46 4.74 1.8 2.6 3.66 4.08 4.38 1.6 2.3 3.12 3.56 3.78 1.5 2.2 3.02 3.36 3.58 1.4 1.9 2.60 2.94 3.10 1.3 1.8 2.36 2.68 2.84 1.2 1.7 2.24 2.50 2.62 1.0 1.6 1.94 2.18 2.34 0.90 1.2 1.72 1.92 2.06 0.80 1.0 1.62 1.82 1.92 0.75 1.0 1.44 1.64 1.74 0.66 0.90 1.40 1.54 1.66 0.60 0.80 1.24 1.32 1.46 0.55 0.75 1.14 1.28 1.42 0.50 0.70 0.982 1.08 1.18 0.48 0.68
1. Please specify termination and packaging codes: MSS1278T-105KLD Termination: L = RoHS compliant matte tin over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D= 13 machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B= Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR meter or equivalent. 3. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture. 4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 598-1
Revised 10/20/08
(c) Coilcraft, Inc. 2009
RE TEMPERATU HIGH SMT Power Inductors - MSS1278T Series
Typical L vs Frequency
10000 1000 H 1000
Document 598-2
Typical L vs Current
10000 1000 H 1000
Inductance (H)
Inductance (H)
100
100 H
100
100 H
10
10 H
10
10 H
1
1 H
1
1 H
0.1 0.01 0.1 1 10
0.1 0.1 1 10 100
Frequency (MHz)
Current (A)
Current Derating
120 110 100 90 80 70 60 50 40 30 20 10 0 -40 -20
0.472 0.012 12,0 0,3
Percent of rated Current
0.472 0.012 12,0 0,3
123 X
Dash number Internal code
0.307 0.01 7,80 0,25
25C
Isat Irms
0 20 40 60 80 100 120 140 160 180
Recommended Land Pattern
0.197 0.008 5,0 0,2 0.217 5,5 0.157 4,0 0.197 0.016 5,0 0,4 0.334 8,5
Ambient temperature (C)
0.138 0.016 3,5 0,4
Dimensions are in
inches mm
Specifications subject to change without notice. Please check our website for latest information.
Document 598-2
Revised 10/20/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of MSS1278T-123ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X