Part Number Hot Search : 
74HC6 1N414 SC177E6 MUR30 M54617 A1201 KJ04RTR 1N4730
Product Description
Full Text Search
 

To Download MMBT8050W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT8050W
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications
Absolute Maximum Ratings (Ta = 25 OC) Parameter Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range Symbol VCEO VCBO VEBO IC Ptot Tj TS Value 25 40 6 600 200 150 - 55 to + 150 Unit V V V mA mW
O
C C
O
Characteristics at Ta = 25 OC Parameter DC Current Gain at VCE = 1 V, IC = 100 mA at VCE = 1 V, IC = 500 mA Collector Cutoff Current at VCB = 35 V Collector Saturation Voltage at IC = 500 mA, IB = 50 mA Base Saturation Voltage at IC = 500 mA, IB = 50 mA Collector Emitter Breakdown Voltage at IC = 2 mA Collector Base Breakdown Voltage at IC = 10 A Emitter Base Breakdown Voltage at IE = 100 A Gain Bandwidth Product at VCE = 5 V, IC = 10 mA, f = 50 MHz Collector Base Capacitance at VCB = 10 V, f = 1 MHz MMBT8050CW MMBT8050DW Symbol hFE hFE hFE ICBO VCE(sat) VBE(sat) V(BR)CEO V(BR)CBO V(BR)EBO fT CCBO Min. 100 160 40 25 40 6 Typ. 100 12 Max. 250 400 100 0.5 1.2 Unit nA V V V V V MHz pF
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/08/2006
MMBT8050W
C o m m o n e m itt e r c o lle c t o r c h a r a c te r is tic s
C o m m o n e m it te r c o lle c to r c h a r a c te r is tic s
mA 100
0 .3 5
mA 500
0 .9 0 .8 5
80
0 .3
400
IC
60
0 .2 5
IC
0 .2
300
0 .8
40
0 .1 5
200
0 .1
20
I B = 0 .0 5 m A
100
0 .7 5
V B E = 0 .7 V
0 0 10 20V VCE
0 0 1 2V VCE
C o l l e c t o r s a t u r a t io n v o l t a g e v e r s u s c o ll e c t o r c u r r e n t
D C c u r r e n t g a in v e r s u s c o ll e c t o r c u r r e n t
V 0 .5
t y p ic a l lim it s a t T a m b = 2 5o C
1000
700 500 400 300 200
VCE=1V
0 .4
Ic IB
=10
150 C
5o C
o
V C Esat
0 .3
h FE
Ta
mb
=2
100 0 .2
70 50 40
-5 0 o C
0 .1 150 C
o
25 C -5 0 C
o
o
30 20
0 1 0 -1 1 10 10 2 10 3 m A IC
10 1 0 -1
1
10
10 2
10 3 IC
B a s e s a t u r a t i o n v o lt a g e v e r s u s c o ll e c t o r c u r r e n t
C o m m o n e m it t e r c o lle c to r c h a r a c te r is tic s
V 2
ty p ic a l l im it s a t T a m b = 2 5o C Ic IB
mA 500
3 .2
2 .8 2 .4
400
=10
2 1 .8 1 .6
V B E sat IC 1 -5 0 C
25
o
300
1 .4 1 .2
o
1
200
C
0 .8 0 .6
150 C
o
100
I B = 0 .2 m A
0 .4
0 1 0 -1 1 10 10
2
0 10 3 m A IC 0 1 2V VCE
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/08/2006


▲Up To Search▲   

 
Price & Availability of MMBT8050W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X