Part Number Hot Search : 
D471K SE540L S6530MG W6631CS 1N4739 AD8842AR 351307 10X10
Product Description
Full Text Search
 

To Download MMBT4401-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMBT4401
Features
* *
*
*
Surface Mount SOT-23 Package Capable of 350mWatts of Power Dissipation Operating and Storage Junction Temperatures: -55 IC=600mA Marking:2X/M4A Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1
to 150
NPN General Purpose Amplifier
SOT-23
A
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=1.0mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10mAdc, IE=0) Emitter-Base Breakdown Voltage (I E=0.1mAdc, IC=0) Base Cutoff Current (VCE=35Vdc, VBE=0.4Vdc) Collector Cutoff Current (VCE=35Vdc, VBE=0.4Vdc) DC Current Gain* (I C=0.1mAdc, VCE=1.0Vdc) (I C=1.0mAdc, VCE=1.0Vdc) (I C=10mAdc, VCE=1.0Vdc) (I C=150mAdc, VCE=1.0Vdc) (I C=500mAdc, VCE=1.0Vdc) Collector-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Current Gain-Bandwidth Product (I C=20mAdc, VCE=10Vdc, f=100MHz) Collector-Base Capacitance (VCB=5.0Vdc, IE=0, f=1.0MHz) Emitter-Base Capacitance (VBE=0.5Vdc, IC=0, f=1.0MHz) Delay Time (VCC=30Vdc, VBE=0.2Vdc Rise Time IC=150mAdc, IB1=15mAdc) Storage Time (VCC=30Vdc, IC=150mAdc Fall Time IB1=IB2=15mAdc) 300s, Duty Cycle 2.0% Min 40 60 6.0 0.1 0.1 Max Units Vdc Vdc Vdc Adc
G F E
D
C
B
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX
C
B
E
H
J
Adc
K DIMENSIONS
ON CHARACTERISTICS
hFE 20 40 80 100 40
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
300
VCE(sat)
0.4 0.75 0.75 0.95 1.2
Vdc
VBE(sat)
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT Ccb Ceb 250 6.5 30.0 15 20 225 30 MHz pF pF ns ns ns ns
.035 .900
Suggested Solder Pad Layout
.031 .800
.079 2.000
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width
inches mm
.037 .950 .037 .950
www.mccsemi.com
Revision: 6
1 of 4
2008/01/01
MMBT4401
DC Current Gain vs Collector Current 360 VCE = 10V 300 240 hFE 180 120 60 VBE(ON) - (V) 0.6 0.4 TA = 125C 0.2 0 1.2 1.0 0.8 TA = 25C
MCC
TM
Base-Emitter ON Voltage vs Collector Current
Micro Commercial Components
VCE = 10V
1
10 IC (mA)
100
1000
1
10
100 IC - (mA)
1000
Collector-Emitter Saturation Volatge vs Collector Current .24 .20 .16 VCE(SAT) - (V) .12 .08 .04 0 1.0 VBE(SAT) - (V) IC/IB = 10 TA = 25C 1.1 1.0 0.9 0.8 0.7 0.6
Base-Emitter Saturation Voltage vs Collector Current IC/IB = 10 TA = 25C
10 IC - (mA)
100
1000
0.5 1.0
10 IC - (mA)
100
1000
Collector-Base Diode Reverse Current vs Temperature 100 40 32 VCB = 20V 10 ICBO - (mA) 1.0 8 0.1 0 25 50 75 TJ - (C) 100 125 150 pF 24
Input Capacitance vs Reverse Bias Voltage f = 1MHz
16
Ceb
0 0.1
1.0 Volts - (V)
10
www.mccsemi.com
Revision: 6
2 of 4
2008/01/01
MMBT4401
MCC
Micro Commercial Components
Output Capacitance vs Reverse Bias Voltage 10 8 TO-92 f = 1MHz
TM
Maximum Power Dissipation vs Ambient Temperature 800
600 PD(MAX) - (mW) 400
pF
6
4 200 SOT-23 0 0 2 0 0.1
Ccb
50
100 TA - (C)
150
200
1.0 Volts - (V)
10
www.mccsemi.com
Revision: 6
3 of 4
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
4 of 4
2008/01/01


▲Up To Search▲   

 
Price & Availability of MMBT4401-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X