Part Number Hot Search : 
VB923 3216S MAX1436B MAX1436B MAX1436B BUK72 A3132 RC30S08
Product Description
Full Text Search
 

To Download MBR3045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3045 Chips for Schottky Diodes
Chip Specification
General Description: Schottky Diode chips with Mo-barrier for switch mode power rectifiers with the following features:
* Guard-ring for stress protection * Extremely low forward voltage * 125 operation junction temperature * reverse avalanche behavior Mechanical Data: MBR3045 passivated Silicon Chip Demension(mil) 150x150 Thickness: 350 +- 20 m Metallization: Top ( Anode ) : Al Ag Bottom ( Cathode) : TiNiAg
Forward Current(A) Reverse Voltage (V): Type MBR3045
30A >45V
Chip size(mil) VF(V)@25 C at If=30A VF(V)@125 C at If=30A
IRM@VRMM
at 25 C
150x150
0,54V
0,47V
0,6mA
* expected value for recommended assembling with both side soldering Tipical devise MBR3045
Note: Other voltages & Top Metal AL are available


▲Up To Search▲   

 
Price & Availability of MBR3045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X