Part Number Hot Search : 
CD5022GO 4008P 7S11BMT 07166 CXD2508 ADP1829 BAT160S L25SLXX
Product Description
Full Text Search
 

To Download MBR3040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3030PT thru MBR3045PT
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
A C(TAB) A C A C A Dimensions TO-247AD
Dim. A B C D E F G H J K L M N Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49 Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRRM V 30 35 40 45 VRMS V 21 24.5 28 31.5 VDC V 30 35 40 45
MBR3030PT MBR3035PT MBR3040PT MBR3045PT Symbol I(AV) IFSM dv/dt
Characteristics Maximum Average Forward Rectified Current @TC=125oC
Maximum Ratings 30 200 10000 IF=20A IF=20A IF=30A IF=30A @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC 0.60 0.76 0.72 1 60 1.4 500 -55 to +150 -55 to +175
Unit A A V/us
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Voltage Rate Of Change (Rated VR) Maximum Forward Voltage (Note 1)
VF
V
IR ROJC CJ TJ TSTG
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Thermal Resistance (Note 2)
mA
o
C/W pF
o o
Typical Junction Capacitance Per Element (Note 3) Operating Temperature Range Storage Temperature Range
C C
NOTES: 1. 300us Pulse Width, Duty Cycle 2%. 2. Thermal Resistance Junction To Case. 3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
FEATURES
* Metal of silicon rectifier, majority carrier conducton * Guard ring for transient protection * Low power loss, high efficiency * High current capability, low VF * High surge capacity * For use in low voltage, high frequency inverters, free whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-247AD molded plastic * Polarity: As marked on the body * Weight: 0.2 ounces, 5.6 grams * Mounting position: Any
MBR3030PT thru MBR3045PT
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers


▲Up To Search▲   

 
Price & Availability of MBR3040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X