|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Conduit & Accessories M24758/3 45 Conduit Fitting M24758/3-16-A Basic Part No. Conduit Size Code Material Designator: A = Aluminum B = Brass C = CRES 316 Tapered Sleeve 45 L Conduit W S M Dia R Coupling Nut B Thread G Max Dim, Captive Nut to Elbow Measured at Assy E Safety Wire Holes (3 Places) E Straight Knurl (Medium Coarse) (3 places) Captive Nut TABLE I E Conduit Knurl G B Size Length +.01 Thread (.3) Code (Class 2B) .06 (15.2) -.02 (.5) 02 0.438- 28 UNEF .500 (12.7) .140 (3.6) 03 0.563- 24 UNEF .500 (12.7) .170 (4.3) 04 0.688- 24 UNEF .620 (15.7) .170 (4.3) 05 0.813- 20 UNEF .620 (15.7) .230 (5.8) 06 0.938- 20 UNEF .750 (19.1) .230 (5.8) 08 1.250- 18 UNEF .750 (19.1) .290 (7.4) 10 1.563- 18 UNEF .870 (22.1) .290 (7.4) 12 1.875- 16 UN .870 (22.1) .350 (8.9) 16 2.375- 16 UN 1.000 (25.4) .350 (8.9) 20 2.875- 16 UN 1.000 (25.4) .350 (8.9) 24 3.375- 16 UN 1.000 (25.4) .350 (8.9) L CONE LENGTH .06 (15.2) .750 (19.1) .750 (19.1) .750 (19.1) .750 (19.1) .750 (19.1) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) M Dia S (Maximum) +.06 (15.2) .930 (23.6) .370 (9.4) 1.120 (28.4) .370 (9.4) 1.250 (31.8) .370 (9.4) 1.430 (36.3) .370 (9.4) 1.620 (41.1) .370 (9.4) 1.810 (46.0) .430 (10.9) 2.180 (55.4) .430 (10.9) 2.560 (65.0) .430 (10.9) 3.060 (77.7) .430 (10.9) 3.680 (93.5) .430 (10.9) 4.380(111.3) .500 (12.7) R Bend Radius .06 (15.2) .430 (10.9) .560 (14.2) .750 (19.1) .870 (22.1) 1.060 (26.9) 1.370 (34.8) 1.680 (42.7) 2.060 (52.3) 2.680 (68.1) 3.310 (84.1) 4.500(114.3) W Wall Thickness (Minimum) .028 (.7) .028 (.7) .028 (.7) .028 (.7) .028 (.7) .028 (.7) .028 (.7) .058 (1.5) .058 (1.5) .058 (1.5) .058 (1.5) 1. The function of the M24758/3 fitting is to terminate flexible shielding conduit and to provide a standard thread for attaching all M24758/9 through M24758/19 fittings. 2. Metric dimensions (mm) are indicated in parentheses. 3. For complete dimensions see applicable Military Specification. (c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 71-4 www.glenair.com E-Mail: sales@glenair.com |
Price & Availability of M24758-3-16-A |