Part Number Hot Search : 
00X197 5N06E Z8442 US282911 500002 1N4746A NJW1103 2SC46
Product Description
Full Text Search
 

To Download M24758-13C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-PRF 24758A
Basic No. MS3155 design standard applies A thread D E
MIL-PRF-24758-13 Adapter for MS-3155 Type Connectors
M24758 - 13 C 20
Conduit Size Code, Table I Connector Dash No., Table II
1.50 (38.10) Max
L
K
C thread for M24758A-2, -3, -4 fittings Coupling nut Adapter
APPLICATION NOTES
1. Assembly identified with manufacurer's code identification number (Glenair, part number and classification code 490). 2. The M24758-13 adapter couples connectors listed in table ll to M24758-2, M24758-3 or M24758-4 series conduit fittings. 3. The coupling nut end of this adapter shall conform to military standard MS3155 (navy), `Connector, electric, rear accessory design standard." MS3155 takes precedence over this specification. 4. Configuration of adapter may change based on the variance of diameters E and K. 5. Material / Finish: Adapter, coupling nut, 316 / electroless nickel, matte finish. 6. Metric dimensions (mm) are indicated in parentheses. 7. See M24758-2, -3, -4 torque values for C thread.
TABLE I
C CONDUIT SIZE CLASS - 2A CODE THREAD A B C D E F G H J K L .438-28 UNEF .688-24 UNEF .938-20 UNEF 1.250-18 UNEF L +.03 (.76) -.00 .21 (5.25) .25 (6.35) .31 (7.87) .37 (9.40) K DIA MIN .245 (6.22) .495 (12.57) .745 (18.92) .995 (25.27) 1.245 (31.62) 1.495 (37.97) 1.995 (50.67) 2.495 (63.37) .370 (9.40) .620 (15.75) 2.995 (76.07)
1.563-18 UNEF .37 (9.340) 1.875-16 UN 2.375-16 UN 2.875-16 UN .563-24 UNEF .813-20 UNEF 3.375-16 UN .43 (10.92) .43 (10.92) .43 (10.92) .25 (6.35) .31 (7.87) .43 (10.92)
(c) 2007 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com 26
MIL-PRF-24758-13 Adapter for MS-3155 Type Connectors
TABLE II: CONNECTOR DASH NUMBERS AND FITTING DIMENSIONS
CONN NAS 1599 & DASH MIL-DTL-83723 NO. (SERIES 1 & 3) MIL-DTL-5015 (MS3400 SERIES) AS81703 MIL-DTL-26482 (NAVY) (SERIES 2) (SERIES 3) (MS347X) A CLASS - 2B THREAD .562-24 UNEF .500-20 UNF .625-24 UNEF .750-20 UNEF .875-20 UNEF 1.000-20 UNEF 1.062-18 UNEF 1.188-18 UNEF 1.312-18 UNEF 1.438-18 UNEF 1.750-18 UNS 2.000-18 UNS 2.250-16 UN 2.500-16 UN 2.750-16 UN 3.000-16 UN 1.500-18 UNEF D DIA MAX .669 (16.99) .617 (15.67) .734 (18.64) .858 (21.79) .984 (24.99) 1.112 (28.24) 1.218 (30.98) 1.345 (34.16) 1.468 (37.29) 1.593 (40.46) 1.969 (50.01) 2.219 (56.36) 2.469 (62.71) 2.719 (69.06) 2.969 (75.41) 3.219 (81.76) 1.653 (41.99) E DIA REF .270 (6.86) .270 (6.86) .375 (9.53) .511 (12.98) .585 (14.86) .710 (18.03) .789 (20.04) .914 (23.22) 1.039 (26.39) 1.154 (29.31) 1.389 (35.28) 1.635 (41.53) 1.850 (46.99) 2.065 (52.45) 2.320 (58.93) 2.570 (65.28) 1.194 (30.33) Recommended A Thread Torque +5 in. pounds 76
03
--
--
03
--
08
08
8S
--
08
56
10
10
10S, 10SL
--
10
76
12
12
12, 12S
07
12
108
14
14
14, 14S
12
14
116
16
16
16, 16S
19
16
116
18
18
18
27
18
116
20
20
20
37
20
136
22
22
22
--
22
136
24
24
24
--
24
136
28
--
28
--
--
148
32
--
32
--
--
148
36
--
36
--
--
148
40
--
40
--
--
164
44
--
44
--
--
164
48
--
48
--
--
164
61
--
--
61
--
136
(c) 2007 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com 27
MIL-PRF 24758A


▲Up To Search▲   

 
Price & Availability of M24758-13C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X