|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIL-PRF 24758A Basic No. H E A thread (torque to 40 inch lbs.) .25 (6.35) (c) 2007 Glenair, Inc. www.glenair.com MIL-PRF-24758-11 Adapter for Coaxial Connectors M24758 - 11 C 02 Conduit Size Code, Table I A Thread Code, Table II (See Note 3) L K D C thread for M24758A-2, -3, -4 fittings APPLICATION NOTES 1. Assembly identified with manufacurer's code identification number (Glenair, part number and classification code 490). 2. The M24758-11 adapter couples coaxil connectors to M24758-2, M24758-3, M24758-4 series fittings. 3. Select an A-thread from table II which matches that of the back of the nut on the connector being used. If none of the A-threads match, substitute the desired A-thread information in lieu of the A-thread code in the part number. For example: A fitting for a 0.500" conduit with a 0.5-28 A-thread of 0.313' H-length would have the part number: M2475811B0.5-28-0.313. 4. Configuration of adapter may change based on the variance of diameters E and K. 5. Material / Finish: Adapter - 316 / electroless nickel, matte finish 6. Metric dimensions (mm) are indicated in parentheses. 7. See M24758-2, -3, -4 torque values for C thread. CAGE Codes 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com 22 MIL-PRF-24758-11 Adapter for Coaxial Connectors TABLE I CONDUIT SIZE CODE A B C D E J K C CLASS - 2A THREAD .438-28 UNEF .688-24 UNEF .938-20 UNEF 1.250-18 UNEF 1.563-18 UNEF .563-24 UNEF .813-20 UNEF L +.03 (.76) -.00 .21 (5.25) .25 (6.35) .31 (7.87) .37 (9.40) .37 (9.40) .25 (6.35) .31 (7.87) K DIA MIN .245 (6.22) .495 (12.57) .745 (18.92) .995 (25.27) 1.245 (31.62) .370 (9.40) .620 (15.75) TABLE II: A-THREAD CODE AND ADAPTER DIMENSIONS A THREAD CODE 02 04 06 08 10 12 A THREAD D DIA +.02 (.51) .687 (17.45) .937 (23.78) 1.187 (30.15) 1.500 (38.10) .812 (20.63) 1.062 (26.98) E DIA + .02 (.51) .226 (5.74) .345 (8.76) .433 (10.83) .568 (14.43) .650 (16.51) .895 (22.73) H + .03 (.76) CABLE (REFRENCE) TYPE RG-58, RG-233 RG-5, RG-21 RG-9, RG-214 RG-14, RG-293 RG-57, RG-294 RG-17 OD .195 (4.95) .216 (54.86) .332 (8.43) .420 (10.67) .425 (10.80) .545 (13.84) .625 (15.88) .630 (16.00) .870 (22.10) .375-32 UNEF .438-28 UNEF .625-24 UNEF .688-24 UNEF .938-20 UNEF .813-20 UNEF .210 (5.33) .250 (6.35) .310 (7.87) .310 (7.87) .310 (7.87) .310 (7.87) (c) 2007 Glenair, Inc. CAGE Codes 06324 Printed in U.S.A. www.glenair.com GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com 23 MIL-PRF 24758A |
Price & Availability of M24758-11C02 |