Part Number Hot Search : 
2SC331 NTE56010 0515X MAX4185 HEM715 74515 CH168 IRLU120A
Product Description
Full Text Search
 

To Download LU4S041-43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS P/N: LU4S041-43
Page : 1/3
Feature RJ-45 connector integrated with X'FMR /impedance resistor/high voltage capacitor. Size same as RJ-45 connector to save PCB board space. Reduce EMI radiation, improve EMI performance. Design for 100 BASE transmission over UTP-5 cable. Operating temperature range: 0C to +70C. Storage temperature range: -25C to +85C. Recommended panel
Part Number Standard LED Forward*V(Max) 3 YELLOW 2.6V 4 GREEN 2.6V *With a forward current 20mA
Electrical Specifications @ 25C
Part Number LU4S041-43 Turns Ratio (5%) TX/RX 1CT:1CT Return Loss (dB Min) OCL (uH Min) @100 KHz/100mVrms with 8mA DC Bias 350 CW/W (pF Max) 28 L.L (uH Max) 0.5 Rise Time 10-90% (nS Typ) 2.5 Insertion Loss (dB Max) 0.3-100MHz -1.15 CMR (dB Min) 1-30MHz -30 30-60MHz 60-125MHz -25 -20 HI-POT (Vrms) 1500
(TYP) 2.1V 2.2V
Continue
Part Number LU4S041-43 Cross talk (dB Min)
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60 MHz 60-100MHz -16 -14 -13.5 -13 -10 -40 -35 -30
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A2(02/10)
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS P/N: LU4S041-43 Mechanical
T
Page : 2/3
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: PBT 15% Glass Filled(UL 94V-0), Black Housing. : Brass C2680-H, 20u Nickel Plated, t=0.25mm. : 0.45mm Dia. Phosphor bronze with 6u gold plated. : 0.4x0.4mm, Phosphor bronze with solder Plated. : 300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A2(02/10)
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS P/N: LU4S041-43
Page : 3/3
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A2(02/10)


▲Up To Search▲   

 
Price & Availability of LU4S041-43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X