Part Number Hot Search : 
RN4988FE CXA2040 5ETTT C3834 P100A 74HCT244 CXA2040 MG800RW
Product Description
Full Text Search
 

To Download HER201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER201 THRU HER208
HIGH EFFICIENCY RECTIFIERS Voltage - 50 to 1000 Volts Current - 2.0 Amperes
Features * Void-free plastic in a DO-15 package * * 2A operation at Ta = 55 with no thermal runaway Ultra fast switching for high efficiency
Mechanical Data * Case: Molded plastic * Lead: MIL-STD-202, method 208 guaranteed * Polarity: Band denotes cathode * Mounting Position: Any
Absolute Maximum Ratings and Characteristics Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA = 55 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 2.0A DC Maximum DC reverse current at rated DC blocking voltage TJ = 25 C TJ = 100O C
O
HER 201 50 35 50
HER 202 100 70 100
HER 203 200 140 200
HER 204 300 210 300 2.0
HER 205 400 280 400
HER 206 600 420 600
HER 207 800 560 800
HER 208 1000 700 1000
Units Volts Volts Volts Amps
VRRM VRMS VDC IO
IFSM VF IR trr CJ RJA TJ ,TS 50
60
Amps
1.0
1.3 5.0 500
1.7
Volts Amps
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note3) Operating and storage temperature range
75 35 45 -55 to +150
nSec pF
O
C/W
O
C
Notes: 1. Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A. 2. Measured at 1 MHz and applied reverse voltage of 4 volts. 3. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length P.C.B.mounted.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 03/07/2003 H
HER201 THRU HER208
RATINGS AND CHARACTERISTIC CURVES
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (+) 25Vdc (appox) (-) 1 NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (-) PULSE GENERATOR (NOTE 2) (+) -1.0A 0 -0.25A trr
Fig.2 - TYPICAL FORWARD CURRENT DERATING
AVERAGE FORWARD CURRENT (A)
4.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
2.0
1cm SET TIME BASE FOR 10/20ns/cm
0
25
50 75 100 125 150 175
o
NOTES:1. Rise Time=7ns max. Input Impedance= 1 megohm 22 pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
AMBIENT TEMPERATURE, C
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
100
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT, ( A)
Tj=100 C
o
50 /1 0 0 /2 00
10
1.0
1
0.1
Tj=25 C 0.1
o
0.01
PULSE WIDTH =300 s, 1% DUTY CIRCLE 0.01 0.001 20 40 60 80 100 120 140 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, (V)
Fig. 5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT (A)
Fig. 6-TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE (pF)
70 60 50 40 30 20 10 0 1 2 5 10 20 50 100 8.3ms Single Half Sine Wave JEDEC Method
200 100 60 40 20 10 6 4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100 Tj =25 C
HE R
60 0/8 00 /10 00 V
30 0 /4 00V
Tj=150 C
o
INSTANTANEOUS FORWARD CURRENT, (A)
Tj = 25 C
201 ~HE R
205
HER 206~ HER 2
08
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE. (V)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 03/07/2003 H


▲Up To Search▲   

 
Price & Availability of HER201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X